| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MCP19111 bảng dữ liệu(PDF) 196 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP19111 bảng dữ liệu(HTML) 196 Page - Microchip Technology |
|
196 / 222 page ![]() MCP19111 DS22331A-page 196 2013 Microchip Technology Inc. MOVF Move f Syntax: [ label ] MOVF f,d Operands: 0 f 127 d [0,1] Operation: (f) (dest) Status Affected: Z Description: The contents of register ‘f’ is moved to a destination dependent upon the status of ‘d’. If d = 0, destination is W register. If d = 1, the destination is file register ‘f’ itself. d = 1 is useful to test a file register since Status flag Z is affected. Words: 1 Cycles: 1 Example: MOVF FSR, 0 After Instruction W = value in FSR register Z= 1 MOVLW Move literal to W Syntax: [ label ] MOVLW k Operands: 0 k 255 Operation: k (W) Status Affected: None Description: The eight-bit literal ‘k’ is loaded into W register. The “don’t cares” will assemble as ‘0’s. Words: 1 Cycles: 1 Example: MOVLW 0x5A After Instruction W = 0x5A MOVWF Move W to f Syntax: [ label ] MOVWF f Operands: 0 f 127 Operation: (W) (f) Status Affected: None Description: Move data from W register to register ‘f’. Words: 1 Cycles: 1 Example: MOVW F OPTION Before Instruction OPTION = 0xFF W = 0x4F After Instruction OPTION = 0x4F W = 0x4F NOP No Operation Syntax: [ label ] NOP Operands: None Operation: No operation Status Affected: None Description: No operation. Words: 1 Cycles: 1 Example: NOP |