| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MCP19111 bảng dữ liệu(PDF) 158 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP19111 bảng dữ liệu(HTML) 158 Page - Microchip Technology |
|
158 / 222 page ![]() FIGURE 27-10: I2C SLAVE, 7-BIT ADDRESS, TRANSMISSION (AHEN = 0) Receiving Address Automatic Transmitting Data Automatic Transmitting Data A7 A6 A5 A4 A3 A2 A1 D7 D6 D5 D4 D3 D2 D1 D0 D7 D6 D5 D4 D3 D2 D1 D0 1 2 3 4 5 6 7 8 9 1 2 3 4 5 6 7 8 9 1 2 3 4 5 6 7 8 9 SDA SCL SSPIF BF CKP ACKSTAT R/W D/A S P Received address When R/W is set R/W is copied from the Indicates an address is read from SSPBUF SCL is always held low after 9th SCL falling edge matching address byte has been received Masters not ACK is copied to ACKSTAT CKP is not held for not ACK BF is automatically cleared after 8th falling edge of SCL Data to transmit is loaded into SSPBUF Set by software Cleared by software ACK ACK ACK R/W = 1 S P Master sends Stop condition |