| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADF4116 bảng dữ liệu(PDF) 14 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADF4116 bảng dữ liệu(HTML) 14 Page - Analog Devices |
|
14 / 20 page ![]() ADF4116/ADF4117/ADF4118 –14– REV. 0 Table VI. Function Latch Map M3 0 0 0 0 1 1 1 1 M2 0 0 1 1 0 0 1 1 M1 0 1 0 1 0 1 0 1 OUTPUT THREE-STATE OUTPUT DIGITAL LOCK DETECT (ACTIVE HIGH) N DIVIDER OUTPUT AVDD R DIVIDER OUTPUT ANALOG LOCK DETECT (N CHANNEL OPEN DRAIN) SERIAL DATA OUTPUT (INVERSE POLARITY OF SERIAL DATA INPUT) DGND TC4 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 TC3 0 0 0 0 1 1 1 1 0 0 0 0 1 1 1 1 TC2 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 TC1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 TIMEOUT (PFD CYCLES) 3 7 11 15 19 23 27 31 35 39 43 47 51 55 59 63 F1 0 1 COUNTER OPERATION NORMAL R, A, B COUNTERS HELD IN RESET F2 0 1 PD POLARITY NEGATIVE POSITIVE F3 0 1 CHARGE PUMP OUTPUT NORMAL 3-STATE 0 1 1 1 CE PIN PD2 PD1 MODE X X 0 1 X 0 1 1 F6 X 0 1 FASTLOCK MODE FASTLOCK DISABLED FASTLOCK MODE 1 FASTLOCK MODE 2 F4 0 1 1 ASYNCHRONOUS POWER-DOWN NORMAL OPERATION ASYNCHRONOUS POWER-DOWN SYNCHRONOUS POWER-DOWN DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB9 DB8 DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0 DB10 TC4 TC3 TC2 TC1 F6 F4 F3 F2 M3 M2 M1 PD1 F1 C2 (1) C1 (0) CONTROL BITS MUXOUT CONTROL TIMER COUNTER CONTROL RESERVED PD2 X DB20 X XX X |