| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADF4116 bảng dữ liệu(PDF) 12 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADF4116 bảng dữ liệu(HTML) 12 Page - Analog Devices |
|
12 / 20 page ![]() ADF4116/ADF4117/ADF4118 –12– REV. 0 Table IV. Reference Counter Latch Map R14 0 0 0 0 • • • 1 1 1 1 R13 0 0 0 0 • • • 1 1 1 1 R12 0 0 0 0 • • • 1 1 1 1 R3 R2 R1 DIVIDE RATIO •••••••••• •••••••••• •••••••••• •••••••••• •••••••••• •••••••••• •••••••••• •••••••••• •••••••••• •••••••••• •••••••••• •••••••••• 0 0 0 1 • • • 1 1 1 1 0 1 1 0 • • • 0 0 1 1 1 0 1 0 • • • 0 1 0 1 1 2 3 4 • • • 163 80 163 81 163 82 163 83 TEST MODE BITS SHOULD BE SET TO 0000 FOR NORMAL OPERATION OPERATION LDP 3 CONSECUTIVE CYCLES OF PHASE DELAY LESS THAN 15ns MUST OCCUR BEFORE LOCK DETECT IS SET. 5 CONSECUTIVE CYCLES OF PHASE DELAY LESS THAN 15ns MUST OCCUR BEFORE LOCK DETECT IS SET. 0 1 TEST MODE BITS DB20 DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB9 DB8 DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0 DB10 LDP T4 T3 T2 T1 R14 R13 R12 R11 R10 R8 R7 R6 R5 R4 R3 R2 R1 C2 (0) C1 (0) R9 14-BIT REFERENCE COUNTER, R CONTROL BITS |