| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADDC02808PB bảng dữ liệu(PDF) 4 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADDC02808PB bảng dữ liệu(HTML) 4 Page - Analog Devices |
|
4 / 20 page ![]() ADDC02808PB–Typical Performance Curves REV. A –4– OUTPUT POWER – Watts 82 68 020 40 60 80 100 80 78 76 120 140 160 180 200 74 72 70 40V 28V 18V Figure 1. Efficiency vs. Line and Load at +25 °C (Load Pulsewidth of 50 ms) TCASE 79 79 76 –55 95 –45 –35 –25 –15 –5 78 78 77 77 5 1525 3545 55 6575 85 28VIN, 150W PEAK Figure 2. Efficiency vs. Case Temperature ( °C) (at Nominal VIN, 75% Max Load, Load Pulsewidth of 50 ms) PEAK OUTPUT POWER – Watts 16.0 15.5 13.0 140 200 150 160 170 180 190 15.0 14.5 13.5 14.0 Figure 3. Low Line Dropout vs. Load at 90 °C Case Temperature (Load Pulsewidth of 50 ms) TCASE 1.0 –1.0 –55 95 –45 –35 –25 –15 –5 0.5 0.0 –0.5 5 1525 3545 55 6575 85 28VIN, 150W PEAK Figure 4. Output Voltage vs. Case Temperature ( °C) 2V 10V 10 0% 100 90 1ms VO VINHIBIT Figure 5. Output Voltage Transient During Turn-On with 0.1 A Load Displaying Soft Start When Supply Is Enabled 100mV 10 0% 100 90 100 s VO Figure 6. Output Voltage Transient Response to a 1 A to 25 A Step Change in Load, di/dt = 12 A/ µs, with 1,000 µF Load Capacitance (R ESR = 10 mΩ) |