| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AD9775EB bảng dữ liệu(PDF) 31 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9775EB bảng dữ liệu(HTML) 31 Page - Analog Devices |
|
31 / 48 page ![]() REV. 0 AD9775 –31– The entire upconversion, from baseband to transmit frequency, is represented graphically in Figure 33. The resulting spectrum shown in Figure 33 represents the complex data consisting of the baseband real and imaginary channels, now modulated onto orthogonal (cosine and negative sine) carriers at the transmit frequency. It is important to remember that in this application (two baseband data channels) the image rejection is not dependent on the data at either of the AD9775 input channels. In fact, image rejection will still occur with either one or both of the AD9775 input channels active. Note that by changing the sign of the sinusoidal multiplying term in the complex modulator, the upper sideband image could have been suppressed while passing the lower one. This is easily done in the AD9775 by selecting the e +j t bit (Register 01h, Bit 1). In purely complex terms, Figure 31 represents the two-stage upconversion from complex baseband to carrier. REAL CHANNEL (IN) IMAGINARY CHANNEL (IN) DC DC A B COMPLEX MODULATOR REAL CHANNEL (OUT) IMAGINARY CHANNEL (OUT) –FC* B/2J –B/2J TO QUADRATURE MODULATOR –FC –FC –FC FC FC –FC FC A/2J –A/2J B/2 B/2 A/2 A/2 REAL IMAGINARY QUADRATURE MODULATOR OUT A/4 + B/4J A/4 – B/4J –FQ – FC REJECTED IMAGES A/4 + B/4J A/4 – B/4J A/4 + B/4J A/4 – B/4J –A/4 – B/4J –A/4 + B/4J A/2 + B/2J A/2 – B/2J –FQ* –FQ + FC FQ – FC FQ FQ + FC –FQ FQ –FQ FQ *FC = COMPLEX MODULATION FREQUENCY *FQ = QUADRATURE MODULATION FREQUENCY Figure 33. Two-Stage Upconversion and Resulting Image Rejection |