| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AD9775EB bảng dữ liệu(PDF) 26 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9775EB bảng dữ liệu(HTML) 26 Page - Analog Devices |
|
26 / 48 page ![]() REV. 0 AD9775 –26– MODULATION, NO INTERPOLATION With Control Register 01h, Bits 7 and 6 set to “00,” the inter- polation function on the AD9775 is disabled. Figures 25a–25d show the DAC output spectral characteristics of the AD9775 in the various modulation modes, all with the interpolation filters disabled. The modulation frequency is determined by the state of Control Register 01h, Bits 5 and 4. The tall rectangles represent the digital domain spectrum of a baseband signal of narrow bandwidth. By comparing the digital domain spectrum to the DAC SIN(x)/x roll-off, an estimate can be made for the characteristics required for the DAC reconstruction filter. Note also, per the previous discussion on amplitude modulation, that the spectral components (where modulation is set to fS/4 or fS/8) are scaled by a factor of 2. In the situation where the modula- tion is fS/2, the modulated spectral components add constructively and there is no scaling effect. fOUT ( fDATA) 0 0.2 –100 0 –80 –60 –40 –20 0.4 0.6 0.8 1.0 Figure 25a. No Interpolation, Modulation Disabled fOUT ( fDATA) 0 0.2 –100 0 –80 –60 –40 –20 0.4 0.6 0.8 1.0 Figure 25b. No Interpolation, Modulation = fDAC/2 fOUT ( fDATA) 0 0.2 –100 0 –80 –60 –40 –20 0.4 0.6 0.8 1.0 Figure 25c. No Interpolation, Modulation = fDAC/4 fOUT ( fDATA) 0 0.2 –100 0 –80 –60 –40 –20 0.4 0.6 0.8 1.0 Figure 25d. No Interpolation, Modulation = fDAC/8 Figure 25. Effects of Digital Modulation on DAC Output Spectrum, Interpolation Disabled |