công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MMA3201EG bảng dữ liệu(PDF) 9 Page - Freescale Semiconductor, Inc

tên linh kiện MMA3201EG
Giải thích chi tiết về linh kiện  Surface Mount Micromachined Accelerometer
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA3201EG bảng dữ liệu(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button MMA3201EG Datasheet HTML 3Page - Freescale Semiconductor, Inc MMA3201EG Datasheet HTML 4Page - Freescale Semiconductor, Inc MMA3201EG Datasheet HTML 5Page - Freescale Semiconductor, Inc MMA3201EG Datasheet HTML 6Page - Freescale Semiconductor, Inc MMA3201EG Datasheet HTML 7Page - Freescale Semiconductor, Inc MMA3201EG Datasheet HTML 8Page - Freescale Semiconductor, Inc MMA3201EG Datasheet HTML 9Page - Freescale Semiconductor, Inc MMA3201EG Datasheet HTML 10Page - Freescale Semiconductor, Inc MMA3201EG Datasheet HTML 11Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Sensors
Freescale Semiconductor, Inc.
9
MMA3201KEG
98ASA10651D
ISSUE O
16-LEAD QFN
DATE 06/28/04
CASE 1622-01
ISSUE O
NOTES:
1.
2.
3.
4.
5.
6.
7.
ALL DIMENSIONS ARE IN MILLIMETERS.
INTERPRET DIMENSIONS AND TOLERANCES
PER ASME Y14.5M, 1994.
THIS DIMENSION APPLIES TO METALLIZED
TERMINAL AND IS MEASURED BETWEEN 0.25MM
AND 0.30MM FROM TERMINAL TIP.
THIS DIMENSION REPRESENTS TERMINAL FULL
BACK FROM PACKAGE EDGE UP TO 0.1MM IS
ACCEPTABLE.
COPLANARITY APPLIES TO THE EXPOSED HEAT
SLUG AS WELL AS THE TERMINAL.
RADIUS ON TERMINAL IS OPTIONAL.
MINIMUM METAL GAP 0.2MM.
(45˚)
16X
0.1
4
DETAIL M
PIN 1
INDEX AREA
6
B
C
0.10
2X
2X
C
0.10
A
6
M
M
(0.203)
C
0.1
C
0.08
C SEATING PLANE
5
DETAIL G
VIEW ROTATED 90˚ CLOCKWISE
(1)
(0.5)
(0.102)
1.45±0.1
EXPOSED DIE
ATTACH PAD
13
4
1
16
12X
9
12
85
M
0.1
C
M
0.05
C
A B
16X 0.63
0.43
C
0.1
A B
VIEW M-M
DETAIL M
PIN 1 INDEX
DETAIL G
C
0.1
A B
16X
0.60
0.40
1
4.24
4.04
4.24
4.04
0.5
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com