công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MMA3201EG bảng dữ liệu(PDF) 3 Page - Freescale Semiconductor, Inc

tên linh kiện MMA3201EG
Giải thích chi tiết về linh kiện  Surface Mount Micromachined Accelerometer
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA3201EG bảng dữ liệu(HTML) 3 Page - Freescale Semiconductor, Inc

  MMA3201EG Datasheet HTML 1Page - Freescale Semiconductor, Inc MMA3201EG Datasheet HTML 2Page - Freescale Semiconductor, Inc MMA3201EG Datasheet HTML 3Page - Freescale Semiconductor, Inc MMA3201EG Datasheet HTML 4Page - Freescale Semiconductor, Inc MMA3201EG Datasheet HTML 5Page - Freescale Semiconductor, Inc MMA3201EG Datasheet HTML 6Page - Freescale Semiconductor, Inc MMA3201EG Datasheet HTML 7Page - Freescale Semiconductor, Inc MMA3201EG Datasheet HTML 8Page - Freescale Semiconductor, Inc MMA3201EG Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Sensors
Freescale Semiconductor, Inc.
3
MMA3201KEG
Table 2. Operating Characteristics
(Unless otherwise noted: –40°C
T
A +105°C, 4.75 VDD 5.25, X and Y Channels, Acceleration = 0g, Loaded output.
(1))
Characteristic
Symbol
Min
Typ
Max
Unit
Operating Range(2)
Supply Voltage(3)
Supply Current
Operating Temperature Range
Acceleration Range
VDD
IDD
TA
gFS
4.75
6
–40
—
5.00
8
—
45
5.25
10
+125
—
V
mA
°C
g
Output Signal
Zero g (TA = 25°C, VDD = 5.0 V)
(4)
Zero g
Sensitivity (TA = 25°C, VDD = 5.0 V)
(5)
Sensitivity
Bandwidth Response
Nonlinearity
VOFF
VOFF,V
S
SV
f–3dB
NLOUT
2.35
0.46 VDD
47.5
9.3
360
–1.0
2.5
0.50 VDD
50
10
400
—
2.65
0.54 VDD
52.5
10.7
440
+1.0
V
V
mV/g
mV/g/V
Hz
% FSO
Noise
RMS (.01 Hz – 1 kHz)
Power Spectral Density
Clock Noise (without RC load on output)(6)
nRMS
nPSD
nCLK
—
—
—
—
110
2.0
2.8
—
—
mVrms
V/(Hz1/2)
mVpk
Self-Test
Output Response(7)
Input Low
Input High
Input Loading(8)
Response Time(9)
gST
VIL
VIH
IIN
tST
10
VSS
0.7
V
DD
–30
—
12
—
—
–110
2.0
14.4
0.3
V
DD
VDD
–300
–
g
V
V
A
ms
Status(10), (11)
Output Low (Iload = 100 A)
Output High (Iload = 100 A)
VOL
VOH
—
VDD – 0.8
—
—
0.4
—
V
V
Minimum Supply Voltage (LVD Trip)
VLVD
2.7
3.25
4.0
V
Clock Monitor Fail Detection Frequency
fmin
50
—
260
kHz
Output Stage Performance
Electrical Saturation Recovery Time(12)
Full Scale Output Range (IOUT = 200 A)
Capacitive Load Drive(13)
Output Impedance
tDELAY
VFSO
CL
ZO
—
0.25
—
—
0.2
—
—
300
—
VDD–0.25
100
—
ms
V
pF
Mechanical Characteristics
Transverse Sensitivity(14)
Package Resonance
VXZ,YZ
fPKG
—
—
—
10
5.0
—
% FSO
kHz
1. For a loaded output the measurements are observed after an RC filter consisting of a 1 k
 resistor and a 0.01 F capacitor to ground.
2. These limits define the range of operation for which the part will meet specification.
3. Within the supply range of 4.75 and 5.25 volts, the device operates as a fully calibrated linear accelerometer. Beyond these supply limits the
device may operate as a linear device but is not guaranteed to be in calibration.
4. The device can measure both + and – acceleration. With no input acceleration the output is at midsupply. For positive acceleration the output
will increase above VDD/2 and for negative acceleration the output will decrease below VDD/2.
5. The device is calibrated at 20g.
6. At clock frequency
70 kHz.
7.
V
OFF calculated with typical sensitivity.
8. The digital input pin has an internal pull-down current source to prevent inadvertent self test initiation due to external board level leakages.
9. Time for the output to reach 90% of its final value after a self-test is initiated.
10. The Status pin output is not valid following power-up until at least one rising edge has been applied to the self-test pin. The Status pin is high
whenever the self-test input is high, as a means to check the connectivity of the self-test and Status pins in the application.
11. The Status pin output latches high if a Low Voltage Detection or Clock Frequency failure occurs, or the EPROM parity changes to odd. The
Status pin can be reset low if the self-test pin is pulsed with a high input for at least 100
s, unless a fault condition continues to exist.
12. Time for amplifiers to recover after an acceleration signal causing them to saturate.
13. Preserves phase margin (60°) to guarantee output amplifier stability.
14. A measure of the device's ability to reject an acceleration applied 90° from the true axis of sensitivity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com