công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PCA9522DP bảng dữ liệu(PDF) 9 Page - NXP Semiconductors

tên linh kiện PCA9522DP
Giải thích chi tiết về linh kiện  Fast dual bidirectional bus buffer with hot insertion logic
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9522DP bảng dữ liệu(HTML) 9 Page - NXP Semiconductors

Back Button PCA9522DP Datasheet HTML 5Page - NXP Semiconductors PCA9522DP Datasheet HTML 6Page - NXP Semiconductors PCA9522DP Datasheet HTML 7Page - NXP Semiconductors PCA9522DP Datasheet HTML 8Page - NXP Semiconductors PCA9522DP Datasheet HTML 9Page - NXP Semiconductors PCA9522DP Datasheet HTML 10Page - NXP Semiconductors PCA9522DP Datasheet HTML 11Page - NXP Semiconductors PCA9522DP Datasheet HTML 12Page - NXP Semiconductors PCA9522DP Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
PCA9522
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 1 — 28 September 2011
9 of 20
NXP Semiconductors
PCA9522
Fast dual bidirectional bus buffer with hot insertion logic
An ideal backplane application for the PCA9522 is the Advanced Telecom Computing
Architecture (AdvancedTCA) as shown in Figure 9. The PCA9522 is well-suited to
placement on ‘Field Replaceable Units’ (FRUs) used in either a conventional fully-bused
arrangement (not shown) or in the low cost, high noise margin radial architecture example
as shown in Figure 10. It is fully interoperable with existing systems and components. If
required, Figure 10 shows a simple low-cost circuit for use at the Shelf Manager for
accelerating the rise in bused systems.
In each of these examples, the buffers are intended to extend total system capacitance
above 400 pF, so anticipate high capacitance on each side. When loading on one side is
small, adding 47 pF is suggested to avoid any waveform ripple, should it occur.
Fig 8.
PCA9522 backplane application
R3
1.1 kΩ
R7
6.8 kΩ
SCLC
SDAC
EN
U1
PCA9522
VCC
(3.3 V)
C2
0.01 μF
SCLB
SDAB
002aaf322
RDY
R4
1.1 kΩ
CARD
SUPPLY
GND
PERIPHERAL CARD 1
R5
600 Ω
R8
3.6 kΩ
SCLC
SDAC
EN
U2
PCA9522
VCC
(1.8 V)
C2
0.01 μF
SCLB
SDAB
RDY
R6
600 Ω
CARD
SUPPLY
GND
PERIPHERAL CARD n
backplane
R1
1.5 kΩ
R2
1.5 kΩ
VCC (5 V)
SCL
SDA
GND
(3.3 V)
(3.3 V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com