công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD6426XST bảng dữ liệu(PDF) 48 Page - Analog Devices

tên linh kiện AD6426XST
Giải thích chi tiết về linh kiện  Enhanced GSM Processor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD6426XST bảng dữ liệu(HTML) 48 Page - Analog Devices

Back Button AD6426XST Datasheet HTML 42Page - Analog Devices AD6426XST Datasheet HTML 43Page - Analog Devices AD6426XST Datasheet HTML 44Page - Analog Devices AD6426XST Datasheet HTML 45Page - Analog Devices AD6426XST Datasheet HTML 46Page - Analog Devices AD6426XST Datasheet HTML 47Page - Analog Devices AD6426XST Datasheet HTML 48Page - Analog Devices AD6426XST Datasheet HTML 49Page - Analog Devices AD6426XST Datasheet HTML 50Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 48 / 50 page
background image
Preliminary Technical Information
AD6426
This Information applies to a product under development. Its characteristics and specifications are subject to change without notice. Analog Devices assumes no
obligation regarding future manufacture unless otherwise agreed to in writing. No responsibility is assumed by Analog Devices for its use; nor for any
infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent
rights of Analog Devices.
Revision Preliminary 2.3 (June 9, ´98)
- 48 -
Confidential Information
PBGA Outline Dimensions
A
B
C
D
E
F
G
H
1
2
3
4
5
6
7
8
9
10
11
12
J
K
L
M
e
D2
D
E2
E
e
E1
D1
b
0.10
A2 c
A1 A
// ccc C
-C-
// ccc C
aaa C
AD6426
TOP VIEW
(Pins Down)
MILLIMETERS
INCHES
DIM
MIN
TYP
MAX
MIN
TYP
MAX
A
1.42
1.65
1.80
0.05591
0.06496
0.07087
A1
0.30
0.40
0.50
0.01181
0.01575
0.01968
A2
0.75
0.90
0.97
0.02953
0.03543
0.03819
D
12.85
13.00
13.15
0.50590
0.51181
0.51772
D1
11.00 BSC
0.43307 BSC
D2
9.95
10.75
11.55
0.39173
0.42323
0.45472
E
12.85
13.00
13.15
0.50591
0.51181
0.51772
E1
11.00 BSC
0.43307 BSC
E2
9.95
10.75
11.55
0.39173
0.42323
0.45472
b
0.45
0.55
0.65
0.17716
0.02165
0.02559
c
0.27
0.35
0.43
0.01063
0.01378
0.01693
e
1.00 BSC
0.03937 BSC
aaa
0.15
0.00591
bbb
0.20
0.00787
ccc
0.25
0.00984
NOTE:
1. BSC - Between Spacing Centers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50