công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AWT6635P9 bảng dữ liệu(PDF) 8 Page - ANADIGICS, Inc

tên linh kiện AWT6635P9
Giải thích chi tiết về linh kiện  HELP3DCTM (Band 5) LTE/WCDMA/CDMA Linear PA Module
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ANADIGICS [ANADIGICS, Inc]
Trang chủ  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AWT6635P9 bảng dữ liệu(HTML) 8 Page - ANADIGICS, Inc

Back Button AWT6635P9 Datasheet HTML 4Page - ANADIGICS, Inc AWT6635P9 Datasheet HTML 5Page - ANADIGICS, Inc AWT6635P9 Datasheet HTML 6Page - ANADIGICS, Inc AWT6635P9 Datasheet HTML 7Page - ANADIGICS, Inc AWT6635P9 Datasheet HTML 8Page - ANADIGICS, Inc AWT6635P9 Datasheet HTML 9Page - ANADIGICS, Inc AWT6635P9 Datasheet HTML 10Page - ANADIGICS, Inc AWT6635P9 Datasheet HTML 11Page - ANADIGICS, Inc AWT6635P9 Datasheet HTML 12Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
8
PRELIMINARY DATASHEET - Rev 1.3
02/2012
AWT6635
APPLICATION INFORMATION
To ensure proper performance, refer to all related
Application Notes on theANADIGICS web site:
http://www.anadigics.com
Shutdown Mode
The power amplifier may be placed in a shutdown
mode by applying logic low levels (see Operating
Rangestable)totheVENABLE and VMODE1voltages.
Bias Modes
ThepoweramplifiermaybeplacedineitheraLowBias
modeoraHighBiasmodebyapplyingtheappropriate
logic level (see Operating Ranges table) to VMODE1.
TheBiasControltableliststherecommendedmodes
of operation for various applications. VMODE2 is not
necessaryforthisPA.
Twooperatingmodesareavailabletooptimizecurrent
consumption.HighBias/HighPoweroperatingmode
isforPOUTlevels>16dBm.Ataround17dBmoutput
power,thePAcanbe“ModeSwitched”toLowpower
modeforlowestquiescentcurrentconsumption.
Table 7: Bias Control
APPLICATION
POUT
LEVELS
BIAS
MODE
VENABLE
VMODE1
VCC
VBATT
Highpower
(HighBiasMode)
>+16dBm
High
+1.8V
0V
1.5-4.35V
>3.1V
Med/lowpower
(LowBiasMode)

+17dBm
Low
+1.8V
+1.8V
0.5-4.35V
>3.1V
Shutdown
-
Shutdown
0V
0V
0.5-4.35V
>3.1V
Figure9:RecommendedON/OFFTimingSequence
Notes:
(1) Level might be changed after RF is ON.
(2) RF OFF defined as PIN ≤ -30 dBm.
(3) Switching simultaneously between VMODE and VEN is not recommended.
VEN
VCC
note 1
RFIN
notes 1,2
OFF Sequence
Referenced After 90% of Rise
Time
Referenced Before10% of Fall
Time
ON Sequence
On Sequence Start
T_0N=0µ
T_0N+1µS
T_0N+3µS
Off Sequence Start
T_0FF= 0µ
T_0FF+2µST_0FF+3µS
Vcontrols
Venable/Vmode(s)
Rise/Fall Max 1
µS
Defined at 10% to 90%
of Min/Max Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com