| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ACE5372 bảng dữ liệu(PDF) 4 Page - ACE Technology Co., LTD. |
|
|
|||||||||||||||||||||||||||||
ACE5372 bảng dữ liệu(HTML) 4 Page - ACE Technology Co., LTD. |
|
4 / 31 page ![]() ACE5372 Low Power Real-Time Clock (RTC) VER 1.3 4 7H Time Trimming Register Storing adjusting parameter and external select control of crystal oscillator 8H Alarm_A (Minute Register) Storing minutes in Timer A 9H Alarm_A (Hour Register) Storing hours in Timer A AH Alarm_A (Day of the Week Register) Storing days of the week in Timer A BH Alarm_B (Minute Register) Storing minutes in Timer B CH Alarm_B (Hour Register) Storing hours in Timer B DH Alarm_B (Day of the Week Register) Storing days of the week in Timer B EH Control Register 1 Storing ring enable, interrupt output port select, and periodic interrupt cycle select information FH Control Register 2 Storing time display select, interrupt and alarm signal, oscillator halt sensing information Calendar Counter The ACE5372 can exchange from year to second (lower two bits) with CPU. When the lower two bits of the year could be divided by 4, that year is leap year. It could automatically recognize the year between 2000 and 2099 and these data are stored separately in registers from 0H to 6H. Control Unit The control unit is a substantial part of the ACE5372, under which all functionalities of the whole circuit is realized. The time display select, interrupt / alarm select and signal, output port select, as well as oscillation halt sensing information are all sent out by the control circuit. High Precision time Trimming function The ACE5372 has an internal oscillation circuit capacitance CGND and CVDD so that an oscillation circuit may be configured simply by externally connecting a crystal. The ACE5372 incorporates a time trimming circuit (at internal address 7H) that adjusts gain or loss of the clock from the CPU up to approx.±189ppm(±194ppm when 32.000KHz crystal is used) by approximately 3ppm steps to correct discrepancy in oscillation frequency. *Clock display is possible at much higher precision than conventional real-time clock while using a crystal with broader fluctuation in precision. * Even seasonal frequency fluctuation may be corrected by adjusting seasonal clock error. For those systems that have temperature detection precision of clock, function may be increased by correcting clock error according to temperature fluctuations. |