| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ACE5372 bảng dữ liệu(PDF) 3 Page - ACE Technology Co., LTD. |
|
|
|||||||||||||||||||||||||||||
ACE5372 bảng dữ liệu(HTML) 3 Page - ACE Technology Co., LTD. |
|
3 / 31 page ![]() ACE5372 Low Power Real-Time Clock (RTC) VER 1.3 3 Bypass Capacitance OSCIN and OSCOUT These pins configure an oscillator circuit by connecting a crystal oscillator between the OSCIN-OSCOUT pins. The diagram beside shows the connection method of such crystal oscillator circuit. It’s recommended to choo se the right crystal oscillator parameter referring to the supplier’s suggestion, since it does determine the start-up reliability and oscillation stability provided by external devices. The influence of the distributing capacitance should be considered when choosing capacitance capacity in an oscillator circuit. To minimize output distortion, both crystal oscillator and capacitance should be installed as close to ACE5372 pin as possible. ACE5372 Crystal Oscillator Connection with External Capacitance SCL and SDA SCL and SDA are Serial Clock Line and Serial Data Line, relatively. SCL is used to input shift clock pulses to synchronize data input/output to and from the SDA pin with this clock. SDA inputs and outputs written or read data in synchronization with shift clock pulses from the SCL pin. Depend on different level of current, separate pull-up resistance can be added to SCL and SDA on exterior circuit board. INTRA and INTRB INTRA and INTRB are two interrupt output ports and are both open drain outputs. When using ACE5372 a pull-up resistance must be connected with pins of INTRA and INTRB. INTRA could output periodic interrupt pulses and alarm interrupt (ALARM-A, ALARM-B); INTRB could output 32.768KHz clock pulses (when 32.768KHz crystal is used), periodic interrupt pulses, alarm interrupt (ALARM-B). When power is activated from 0V, it could output 32.768kHz clock pulses (when 32.768KHz crystal is used). Functional Descriptions Allocation of Internal Addresses Internal Address Contents Function 0H Second Counter Counting and storing seconds in BCD codes 1H Minute Counter Counting and storing minutes in BCD codes 2H Hour Counter Counting and storing hours in BCD codes 3H Day of the Week Counter Counting and storing days of the week in BCD codes 4H Day Counter Counting and storing days in BCD codes 5H Month Counter Counting and storing months in BCD codes 6H Year Counter Counting and storing years in BCD codes |