công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LSQ976-NR-1-0-20-R18 bảng dữ liệu(PDF) 19 Page - Microchip Technology

tên linh kiện LSQ976-NR-1-0-20-R18
Giải thích chi tiết về linh kiện  Wireless Security Remote Control Development Kit User?셲 Guide
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LSQ976-NR-1-0-20-R18 bảng dữ liệu(HTML) 19 Page - Microchip Technology

Back Button LSQ976-NR-1-0-20-R18 Datasheet HTML 15Page - Microchip Technology LSQ976-NR-1-0-20-R18 Datasheet HTML 16Page - Microchip Technology LSQ976-NR-1-0-20-R18 Datasheet HTML 17Page - Microchip Technology LSQ976-NR-1-0-20-R18 Datasheet HTML 18Page - Microchip Technology LSQ976-NR-1-0-20-R18 Datasheet HTML 19Page - Microchip Technology LSQ976-NR-1-0-20-R18 Datasheet HTML 20Page - Microchip Technology LSQ976-NR-1-0-20-R18 Datasheet HTML 21Page - Microchip Technology LSQ976-NR-1-0-20-R18 Datasheet HTML 22Page - Microchip Technology LSQ976-NR-1-0-20-R18 Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 50 page
background image
Getting Started
 2012 Microchip Technology Inc.
DS41646A-page 19
2.5.2.2
KEELOQ AES
For KEELOQ AES, there is no requirement that a transmitter must be known to the
receiver before a packet can be accepted, so there is no learning process for a packet
that is encoded with KEELOQ AES cipher. When a KEELOQ AES packet is received, the
contents of the packet is displayed on the LCD, as shown in Figure 2-8. The following
information from the KEELOQ AES packet are available:
• Encoder: AES that represents KEELOQ AES
• Serial number of the transmitter: 32-bit serial number (according to Figure 2-8) in
this transmission
• Counter: 32-bit counter (according to Figure 2-8) in this transmission
• Function Code: A bitmap of pressed buttons, depending on the button pressed on
the key fob
FIGURE 2-8:
2.6
EMBEDDED SECURITY DEVELOPMENT BOARD HARDWARE SELF-CHECK
A hardware self-check can be performed to ensure the hardware integrity of the
Embedded Security Development Board. The instruction of the hardware self-check is
displayed on the LCD. The test result is either checked by firmware and display on the
LCD, or verified by user observation.
To initiate the hardware self-check, press and hold push button SW1 before powering
up the Embedded Security Development Board. SW1 can then be released when
“HDW Self Tests” is displayed on the LCD screen. Four individual hardware self-tests
will then be performed one by one.
2.6.0.1
BUTTON TESTS
“Button Test” will be displayed on the first line of the LCD display. Test instructions of
pressing individual buttons will be displayed on the second line of the LCD display.
Once a required push button is pressed, the test instruction message will be changed
for the next push button. Once all push buttons have been tested, SW1 needs to be
pressed to move forward to the LED test.
2.6.0.2
LED TESTS
There are two sets, ten LEDs, which can be controlled by the host and target
application microcontroller separately. When LED tests start, the message “LEDs
Flashing
” will be displayed on the first line of the LCD display. During the tests, two
sets of LEDs will be flashing separately, while LEDs from the same set should be
flashing together. The user should observe that all LEDs are turned on and off with
flashing intervals of roughly one second. Once the user has verified the LED test, SW1
needs to be pressed to move forward to the RTCC test.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com