công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LSQ976-NR-1-0-20-R18 bảng dữ liệu(PDF) 28 Page - Microchip Technology

tên linh kiện LSQ976-NR-1-0-20-R18
Giải thích chi tiết về linh kiện  Wireless Security Remote Control Development Kit User?셲 Guide
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LSQ976-NR-1-0-20-R18 bảng dữ liệu(HTML) 28 Page - Microchip Technology

Back Button LSQ976-NR-1-0-20-R18 Datasheet HTML 24Page - Microchip Technology LSQ976-NR-1-0-20-R18 Datasheet HTML 25Page - Microchip Technology LSQ976-NR-1-0-20-R18 Datasheet HTML 26Page - Microchip Technology LSQ976-NR-1-0-20-R18 Datasheet HTML 27Page - Microchip Technology LSQ976-NR-1-0-20-R18 Datasheet HTML 28Page - Microchip Technology LSQ976-NR-1-0-20-R18 Datasheet HTML 29Page - Microchip Technology LSQ976-NR-1-0-20-R18 Datasheet HTML 30Page - Microchip Technology LSQ976-NR-1-0-20-R18 Datasheet HTML 31Page - Microchip Technology LSQ976-NR-1-0-20-R18 Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 50 page
background image
Wireless Security Remote Control Development Kit User’s Guide
DS41646A-page 28
 2012 Microchip Technology Inc.
5.2
HARDWARE DESCRIPTION
5.2.1
Serial Communications Connections
The Embedded Security Development Board is divided into two halves. The left side is
the host controller half. The right side is the target application half. The two halves are
connected by three wires labeled TP1, TP2, and TP3. Table 5-1 lists the respective
microcontroller I/O port connections.
The host controller half is controlled by a PIC16LF1947 microcontroller. The
PIC16LF1947 microcontroller communicates with a 16x2 character LCD display
(LCD1), an MCP2200 USB to UART communications IC (U2), an MCP795W10 SPI
Real-Time Clock Calendar IC (U5), four push button switches (SW5-SW8), and seven
LEDs (D8-D14). The PIC16LF1947 microcontroller can be programmed/debugged via
the ICSP™ header, J4. The host controller half schematic is shown in Appendix C as
Figure C-2.
The target application half has a PIC16LF1398 microcontroller. The PIC16LF1398
microcontroller communicates with the 28-pin PICtail connector (J1), Serial Accessory
Port (P20), four push button switches (SW1-SW4), and four LEDs (D4-D7). The
PIC16LF1398 microcontroller can be programmed/debugged via the ICSP header, J5.
The target application half schematic is shown in Appendix C as Figure C-3.
5.2.2
Serial Accessory Port (P20)
The Serial Accessory Port provides a simple serial interface for the external modules.
These modules may be either external sensor or accessory board. The partial list of
Microchip boards with SAP capabilities includes the following:
• LCD Serial Accessary Board
• RS232 Serial Accessary Board
For more information about the existing accessory boards, visit http://www.microchip.com
or refer to the “RS-232 Serial Accessory Board User’s Guide” (DS70649).
The following interfaces are supported by the Serial Accessory Port:
• 3 or 4 wire SPI
•I2C™
• USART
The on-board switch “S1” selects these interfaces. Jumpers J7 and J8 pull-up resistors
when I2C is selected and the pull-up resistors are not available on the daughter board.
Software modifications are expected to use those interfaces when pins are assigned
different functionalities. For more information on the port pin assignment, see the
schematic in Appendix C.
5.2.3
USB Interface Port
Microchip MCP2200 provides USB to UART support. MCP2200 provides automatic
conversion between UART and full-speed USB 2.0 communication. At the same time,
the USB interface port can be used to power the Embedded Security Development
Board directly. For more information, please refer to the Microchip MCP2200 data
sheet.
TABLE 5-1:
SERIAL COMMUNICATIONS CONNECTIONS
Host Controller PIC16LF1947
(Slave)
Test Points
Target Application PIC16LF1398
(Master)
RF5
TP1
RB7/ICSPDAT
RB2
TP2
RB6/ICSPCLK
RF4
TP3
RE3/
MCLR/VPP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com