| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ACPL-024L bảng dữ liệu(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED |
|
|
|||||||||||||||||||||||||||||
ACPL-024L bảng dữ liệu(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED |
|
2 / 11 page ![]() 2 Ordering Information ACPL-M21L, ACPL-024L and ACPL-021L are UL Recognized with 3750 Vrms for 1 minute per UL1577. Part number Option Package Surface Mount Tape & Reel UL1577 5000 Vrms / 1 Minute Rating IEC/EN 60747-5-5 Quantity RoHS Compliant ACPL-M21L -000E SO-5 X 100 per tube -060E X X 100 per tube -500E X X 1500 per reel -560E X X X 1500 per reel ACPL-024L -000E SO-8 X 100 per tube -060E X X 100 per tube -500E X X 1500 per reel -560E X X X 1500 per reel ACPL-021L -000E SO-8 X 100 per tube -060E X X 100 per tube -500E X X 1500 per reel -560E X X X 1500 per reel To order, choose a part number from the part number column and combine with the desired option from the option column to form an order entry. Example 1: ACPL-M21L-500E to order product of SO-5 package in Tape and Reel packaging with RoHS compliant. Option datasheets are available. Contact your Avago sales representative or authorized distributor for information. |