| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DEM9SNMC76 bảng dữ liệu(PDF) 96 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
DEM9SNMC76 bảng dữ liệu(HTML) 96 Page - ITT Industries |
|
96 / 301 page ![]() Dimensions are shown in mm (inch) Dimensions subject to change 95 D Subminiature Combo D PCB Guide Pin and Socket Installs into any Combo D, Size 8 cavity. This guide pin and socket system is ideal for blind mate applications where space is limited. PCB Guide Pin Part Number Material Finish DM53745-126 Copper Alloy Tin 29,21 (1.150) REF 3,68 - 3,43 (.145 - .135) Ø 5,66 - 5,41 (.223 - .213) RING, RETAINING Ø 3,25 - 3,10 (.128 - .122) 11,43 (.450) REF PCB Guide Socket Part Number Material Finish 248-2967-000 Copper Alloy Tin 4,06 (.160) 16,28 (.641) REF CONNECTOR REAR INSULATOR REF |