| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DEM9SNMC76 bảng dữ liệu(PDF) 90 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
DEM9SNMC76 bảng dữ liệu(HTML) 90 Page - ITT Industries |
|
90 / 301 page ![]() Dimensions are shown in mm (inch) Dimensions subject to change 89 D Subminiature Combo D Coaxial Assembly Instructions RG Cable Number Straight Coaxial 90 ° Coaxial N ± 0,25 (.010) O ± 0,25 (.010) P ± 0,25 (.010) N ± 0,25 (.010) O ± 0,25 (.010) P ± 0,25 (.010) 196/U, 178B/U, 187/U, 188/U, 179B/U, 316B/U 7,92 (.312) 6,35 (.250) 1,98 (.078) 9,52 (.375) 5,94 (.234) 1,57 (.062) 195/U, 180B/U, 58/U, 58B/U 9,52 (.375) 7,92 (.312) 1,98 (.078) 10,69 (.422) 7,92 (.312) 2,39 (.094) Coaxial Cable Trim Dimensions RG Cable Number Tool Part Number Description Closure 196/U, 178B/U 070051-0000 CCT-DM C 187/U, 179B/U, 188/U, 316B/U 070051-0000 CCT-DM B 195/U, 180B/U, 58/U, 58B/U 070051-0000 CCT-DM A Crimp Tooling Straight and 90 ° Coaxial Assembly STEP 1: Slide the outer ring over the cable jacket. Trim the cable as specified in the table of Coaxial Cable Trim Dimensions (see this page). Insert the cable dielectric and center conductor into the inside diameter of the inner sleeve. Then solder the center conductor to the coaxial center contact. Straight and 90 ° Coaxial Assembly STEP 2: Slide the outer ring forward until it is flush with the coaxial shell containing the braid between the outer ring and the inner sleeve. For solder type coaxes, soft solder the outer ring to the assembly through the cross-drilled solder hold. For crimp type coaxes, crimp with the appropriate tool in the area defined. Straight Coaxial 90 ° Coaxial Straight Coaxial 90 ° Coaxial Hand tool with integral die set for all coaxial straight crimp braid. |