| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DEM9SNMC76 bảng dữ liệu(PDF) 273 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
DEM9SNMC76 bảng dữ liệu(HTML) 273 Page - ITT Industries |
|
273 / 301 page ![]() Dimensions are shown in mm (inch) Dimensions subject to change 5,49 (.216) 5,49 (.216) 5,49(.216) 8,23 (.324) Mounting Hole Signal Contact 2,74 (.108) 25,00 (.984) 2,84 (.112) 7,19 (.283) REAR FLANGE REF 8,64 (.340) REAR FLANGE REF 5,54(.218) 5,54(.218) 23,47 (.924) 22,10 (.870) 19,33 (.761) 16,56 (.652) 13,82 (.544) 11,05 (.435) 8,28 (.326) 22,10 (.870) 19,33 (.761) 16,56 (.652) 13,82 (.544) 11,05 (.435) 8,28 (.326) 5,54(.218) 8,28 (.326) 12,42 (.489) 15,19 (.598) 6,91 (.272) 9,68 (.381) 12,42 (.489) 15,19 (.598) 17,96 (.707) 20.70 (.815) 17,96 (.707) 20,70 (.815) 6,91 (.272) 9,68 (.381) Mounting Hole Signal Contact 2,80 (.110) 23,47 (.924) 63,50 (2.500) 24,84 (.978) 24,84 (.978) 2,84 (.112) 7,19 (.283) REAR FLANGE REF 8,64 (.340) REAR FLANGE REF 33,32 (1.312) 8,23 (.324) 8,23 (.324) 5,49 (.216) 5,49 (.216) 5,49 (.216) 8,23 (.324) 6,86 (.270) 6,86 (.270) 9,60 (.378) 9,60 (.378) Mounting Hole Signal Contact 2,74 (.108) 2,54 (.100) 7,19 (.283) 8,64 (.340) REAR FLANGE REF REAR FLANGE REF 5,54(.218) 5,54(.218) 16,56 (.652) 13,82 (.544) 11,05 (.435) 8,28 (.326) 16,56 (.652) 13,82 (.544) 11,05 (.435) 8,28 (.326) 5,54(.218) 8,28 (.326) 12,42 (.489) 15,19 (.598) 6,91 (.272) 9,68 (.381) 12,42 (.489) 15,19 (.598) 6,91 (.272) 9,68 (.381) Mounting Hole Signal Contact 2,80 (.110) 2,84 (.112) 7,19 (.283) REAR FLANGE REF 8,64 (.340) REAR FLANGE REF 47,04 (1.852) 25 Contacts 50 Contacts PCB Hole Pattern — Standard 90 ° — Plug & Receptacle 9 Contacts 37 Contacts 15 Contacts Signal Contact X Recommended PCB Hole X 0,76 (.030) 1,14 (.045) 1,00 (.040) 1,40 (.055) Mounting Type Recommended PCB Hole X Without Boardlock 3,05 (.120) With Boardlock 3,10 (.122) 272 |