| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DEM9SNMC76 bảng dữ liệu(PDF) 167 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
DEM9SNMC76 bảng dữ liệu(HTML) 167 Page - ITT Industries |
|
167 / 301 page ![]() Dimensions are shown in mm (inch) Dimensions subject to change 166 D Subminiature Military/High Reliability Cable Solder Cup Plug Reader’s Resource For contact cavity arrangements, see page 222. For panel cutouts, see page 221. For hardware views (Standard), see page 226. Part Numbers Shell Size Layout Through Hole Dual Float Mount Clinch Nut #4-40 UNC DE 5W1 DEMM5W1P DEMMY5W1P DEMME5W1P DA 7W2 DAMM7W2P DAMMY7W2P DAMME7W2P DA 11W1 DAMM11W1P DAMMY11W1P DAMME11W1P DA 3W3 DAMM3W3P DAMMY3W3P DAMME3W3P DA 3WK3 DAMM3WK3P DAMMY3WK3P DAMME3WK3P DB 5W5 DBMMP5W5P DBMMY5W5P DBMME5W5P DB 9W4 DBMM9W4P DBMMY9W4P DBMME9W4P DB 13W3 DBMM13W3P DBMMY13W3P DBMME13W3P DB 17W2 DBMM17W2P DBMMY17W2P DBMME17W2P DB 21W1 DBMM21W1P DBMMY21W1P DBMME21W1P DC 8W8 DCMM8W8P DCMMY8W8P DCMME8W8P DC 13W6 DCMM13W6P DCMMY13W6P DCMME13W6P DC 17W5 DCMM17W5P DCMMY17W5P DCMME17W5P DC 21WA4 DCMM21WA4P DCMMY21WA4P DCMME21WA4P DC 25W3 DCMM25W3P DCMMY25W3P DCMME25W3P DC 27W2 DCMM27W2P DCMMY27W2P DCMME27W2P DD 24W7 DDMM24W7P DDMMY24W7P DDMME24W7P DD 36W4 DDMM36W4P DDMMY36W4P DDMME36W4P DD 43W2 DDMM43W2P DDMMY43W2P DDMME43W2P DD 47W1 DDMM47W1P DDMMY47W1P DDMME47W1P Note: Keyed. Dimensions Shell Size A ±0,38 (.015) B ±0,13 (.005) C ±0,13 (.005) D ±0,13 (.005) E ±0,38 (.015) F ±0,25 (.010) W ±0,368 (.0145) W ±0,41 (.016) K ±0,317 (.0125) K ±0,25 (.010) L ±0,25 (.010) DE 30,81 (1.213) 16,92 (.666) 24,99 (.984) 8,36 (.329) 12,55 (.494) 10,72 (.422) 6,693 (.2635) — 1,206 (.0475) — 0,76 (.030) DA 39,14 (1.541) 25,25 (.994) 33,32 (1.312) 8,36 (.329) 12,55 (.494) 10,72 (.422) 6,693 (.2635) — 1,206 (.0475) — 0,76 (.030) DB 53,04 (2.088) 38,96 (1.534) 47,04 (1.852) 8,36 (.329) 12,55 (.494) 10,82 (.426) — 6,84 (.269) — 1,52 (.060) 0,99 (.039) DC 69,32 (2.729) 55,42 (2.182) 63,50 (2.500) 8,36 (.329) 12,55 (.494) 10,82 (.426) — 6,84 (.269) — 1,52 (.060) 0,99 (.039) DD 66,93 (2.635) 52,81 (2.079) 61,11 (2.406) 11,07 (.436) 15,37 (.605) 10,82 (.426) — 6,84 (.269) — 1,52 (.060) 0,99 (.039) Engaging Face DD Configuration 10 ° E D A B Ø 3,05 (.120) C 10,72 (.422) MAX L K 2,84 (.112) 5,69 (.224) F W 2,84 (.112) |