công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DEM9SNM bảng dữ liệu(PDF) 152 Page - ITT Industries

tên linh kiện DEM9SNM
Giải thích chi tiết về linh kiện  D Subminiature Connectors
PDF  301 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ITT [ITT Industries]
Trang chủ  http://www.ittcannon.com
Logo ITT - ITT Industries

DEM9SNM bảng dữ liệu(HTML) 152 Page - ITT Industries

Back Button DEM9SNM Datasheet HTML 148Page - ITT Industries DEM9SNM Datasheet HTML 149Page - ITT Industries DEM9SNM Datasheet HTML 150Page - ITT Industries DEM9SNM Datasheet HTML 151Page - ITT Industries DEM9SNM Datasheet HTML 152Page - ITT Industries DEM9SNM Datasheet HTML 153Page - ITT Industries DEM9SNM Datasheet HTML 154Page - ITT Industries DEM9SNM Datasheet HTML 155Page - ITT Industries DEM9SNM Datasheet HTML 156Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 301 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
151
D Subminiature
Military/High Reliability
Coaxial Straight PCB (Sizes DE-DC)
75 Ohm Part Numbers* with Standoff #4-40 UNC
Shell Size
Layout
Part Number
Without Screw Locks
Without Boardlocks
Part Number
Without Screw Locks
With Boardlocks
Part Number
With Screw Locks
With Boardlocks
DE
5W1
DEMMV5C1SN
DEMMZ5C1SN
DEMMN5C1SN
DA
7W2
DAMMV7C2SN
DAMMZ7C2SN
DAMMN7C2SN
DA
11W1
DAMMV11C1SN
DAMMZ11C1SN
DAMMN11C1SN
DA
3W3
DAMMV3C3SN
DAMMZ3C3SN
DAMMN3C3SN
DA
3WK3
DAMMV3CK3SNTM
DAMMZ3CK3SNTM
DAMMN3CK3SNTM
DB
5W5
DBMMV5C5SN
DBMMZ5C5SN
DBMMN5C5SN
DB
9W4
DBMMV9C4SN
DBMMZ9C4SN
DBMMN9C4SN
DB
13W3
DBMMV13C3SN
DBMMZ13C3SN
DBMMN13C3SN
DB
17W2
DBMMV17C2SN
DBMMZ17C2SN
DBMMN17C2SN
DB
21W1
DBMMV21C1SN
DBMMZ21C1SN
DBMMN21C1SN
DC
8W8
DCMMV8C8SN
DCMMZ8C8SN
DCMMN8C8SN
DC
13W6
DCMMV13C6SN
DCMMZ13C6SN
DCMMN13C6SN
DC
17W5
DCMMV17C5SN
DCMMZ17C5SN
DCMMN17C5SN
DC
21WA4
DCMMV21CA4SN
DCMMZ21CA4SN
DCMMN21CA4SN
DC
25W3
DCMMV25C3SN
DCMMZ25C3SN
DCMMN25C3SN
DC
27W2
DCMMV27C2SN
DCMMZ27C2SN
DCMMN27C2SN
Notes: *For 50 Ohm Coaxial substitute X for C. Example: DEMMV5X1SN
For DD shell size, see page 153.
Keyed
Dimensions
Shell Size
A
±0,38 (.015)
B
±0,13 (.005)
C
±0,13 (.005)
D
±0,13 (.005)
E
±0,38 (.015)
F
0,25 (.010)
W
±0,38 (.015)
L
±0,25 (.010)
DE
30,81 (1.213)
16,33 (.643)
24,99 (.984)
7,90 (.311)
12,55 (.494)
10,90 (.429)
6,94 (.273)
0,76 (.030)
DA
39,14 (1.541)
24,66 (.971)
33,32 (1.312)
7,90 (.311)
12,55 (.494)
10,90 (.429)
6,94 (.273)
0,76 (.030)
DB
53,04 (2.088)
38,38 (1.511)
47,04 (1.852)
7,90 (.311)
12,55 (.494)
10,90 (.429)
6,94 (.273)
0,76 (.030)
DC
69,32 (2.729)
54,84 (2.159)
63,50 (2.500)
7,90 (.311)
12,55 (.494)
10,90 (.429)
6,94 (.273)
0,76 (.030)
Receptacle
Engaging Face
Screw lock, boardlock, and signal contacts
removed for clarity
Hardware and coaxial contact
removed for clarity
A
C
B
E
D
10
°
Ø 0,51
(.020)
0,62
(.024)
2,54
(1.00)
L
F
W
2,84
(.112)
Reader’s Resource
For contact cavity arrangements,
see page 223.
For P.C. hole patterns, see pages 241-242.
For panel cutouts, see page 221.
For hardware views (Standard), see page 226.
For alternate 50 Ohm coaxial configuration,
see page 225.
Ø 0,76
(.030)
6,50
± 0,25
(.256
± .010)
7,62
± 0,25
(.300
± .010)
3,45 (.136)
2,92
(.115)
BOARDLOCK
0,82
(.032)
SCREW LOCK
#4-40 UNC
4,52 (.178)
STANDOFF
#4-40 UNC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com