công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DEM9SNM bảng dữ liệu(PDF) 66 Page - ITT Industries

tên linh kiện DEM9SNM
Giải thích chi tiết về linh kiện  D Subminiature Connectors
PDF  301 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ITT [ITT Industries]
Trang chủ  http://www.ittcannon.com
Logo ITT - ITT Industries

DEM9SNM bảng dữ liệu(HTML) 66 Page - ITT Industries

Back Button DEM9SNM Datasheet HTML 62Page - ITT Industries DEM9SNM Datasheet HTML 63Page - ITT Industries DEM9SNM Datasheet HTML 64Page - ITT Industries DEM9SNM Datasheet HTML 65Page - ITT Industries DEM9SNM Datasheet HTML 66Page - ITT Industries DEM9SNM Datasheet HTML 67Page - ITT Industries DEM9SNM Datasheet HTML 68Page - ITT Industries DEM9SNM Datasheet HTML 69Page - ITT Industries DEM9SNM Datasheet HTML 70Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 301 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
65
A
C
B
E
D
2,92
(.115)
Ø 2,90
(.114)
Ø 0,60
(.024)
BOARDLOCK
1,00 (.039)
14,55
(.573)
10,85
(.427)
6,50
± 0,25
(.256
± .010)
RIVNUT
#4-40 UNC
BRACKET,
METAL
SCREW LOCK
#4-40 UNC
11,94
± 0,25
(.470
± .010)
3,30 (.130)
MIN.
L
4,00 (.157)
2,54
(.100)
9,40
± 0,20
(.370
± .008)
W
F
D Subminiature
Combo D
40 A High Power 90
° — European Footprint 10,2 or 9,4 mm
(Sizes DE-DC)
Screw lock, boardlock, and signal contacts
removed for clarity
Screw lock, boardlock, and high power contact
removed for clarity
Dimensions
Shell Size
A
±0,38 (.015)
B
±0,13 (.005)
C
±0,13 (.005)
D
±0,13 (.005)
E
±0,38 (.015)
F
±0,25 (.010)
W
±0,38 (.015)
L
±0,25 (.010)
DE
30,81 (1.213)
16,33 (.643)
24,99 (.984)
7,90 (.311)
12,55 (.494)
10,90 (.429)
6,94 (.273)
0.76 (.030)
DA
39,14 (1.541)
24,66 (.971)
33,32 (1.312)
7,90 (.311)
12,55 (.494)
10,90 (.429)
6,94 (.273)
0,76 (.030)
DB
53,04 (2.088)
38,38 (1.511)
47,04 (1.852)
7,90 (.311)
12,55 (.494)
10,90 (.429)
6,94 (.273)
0,76 (.030)
DC
69,32 (2.729)
54,84 (2.159)
63,50 (2.500)
7,90 (.311)
12,55 (.494)
10,90 (.429)
6,94 (.273)
0,76 (.030)
Connector footprint measured from the front shell.
Connector footprint measured from the rear shell.
Receptacle
Engaging Face
Reader’s Resource
For contact cavity arrangements,
see page 223.
For P.C. hole patterns, see pages 252-253.
For panel cutouts, see page 221.
For alternate bracket configuration (when
connectors are supplied without boardlocks),
see page 226.
Note:
Dimension varies with alternate bracket configuration, see Reader’s Resource page 226.
Part Numbers with Metal Bracket and Rivnut #4-40 UNC
Shell Size
Layout
Part Number
Without Screw Locks
Without Boardlocks
Part Number
Without Screw Locks
With Boardlocks
Part Number
With Screw Locks
Without Boardlocks
Part Number
With Screw Locks
With Boardlocks
DE
5W1
DEMP5P1SVA197
DEMC5P1SVA197
DEMD5P1SVA197
DEMG5P1SVA197
DA
7W2
DAMP7P2SVA197
DAMC7P2SVA197
DAMD7P2SVA197
DAMG7P2SVA197
DA
11W1
DAMP11P1SVA197
DAMC11P1SVA197
DAMD11P1SVA197
DAMG11P1SVA197
DA
3W3
DAMP3P3SVA197
DAMC3P3SVA197
DAMD3P3SVA197
DAMG3P3SVA197
DA
3WK3
DAMP3PK3SVA197TM
DAMC3PK3SVA197TM
DAMD3PK3SVA197TM
DAMG3PK3SVA197TM
DB
5W5
DBMP5P5SVA197
DBMC5P5SVA197
DBMD5P5SVA197
DBMG5P5SVA197
DB
9W4
DBMP9P4SVA197
DBMC9P4SVA197
DBMD9P4SVA197
DBMG9P4SVA197
DB
13W3
DBMP13P3SVA197
DBMC13P3SVA197
DBMD13P3SVA197
DBMG13P3SVA197
DB
17W2
DBMP17P2SVA197
DBMC17P2SVA197
DBMD17P2SVA197
DBMG17P2SVA197
DB
21W1
DBMP21P1SVA197
DBMC21P1SVA197
DBMD21P1SVA197
DBMG21P1SVA197
DC
8W8
DCMP8P8SVA197
DCMC8P8SVA197
DCMD8P8SVA197
DCMG8P8SVA197
DC
13W6
DCMP13P6SVA197
DCMC13P6SVA197
DCMD13P6SVA197
DCMG13P6SVA197
DC
17W5
DCMP17P5SVA197
DCMC17P5SVA197
DCMD17P5SVA197
DCMG17P5SVA197
DC
21WA4
DCMP21PA4SVA197
DCMC21PA4SVA197
DCMD21PA4SVA197
DCMG21PA4SVA197
DC
25W3
DCMP25P3SVA197
DCMC25P3SVA197
DCMD25P3SVA197
DCMG25P3SVA197
DC
27W2
DCMP27P2SVA197
DCMC27P2SVA197
DCMD27P2SVA197
DCMG27P2SVA197
For M3 threads replace MP with MS, MC with ML, MD with MO, MG with MJ.
Notes: For performance class 2 substitute K126 for A197. Example: DEMP5P1SVK126
Keyed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com