công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DEM9SNM bảng dữ liệu(PDF) 103 Page - ITT Industries

tên linh kiện DEM9SNM
Giải thích chi tiết về linh kiện  D Subminiature Connectors
PDF  301 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ITT [ITT Industries]
Trang chủ  http://www.ittcannon.com
Logo ITT - ITT Industries

DEM9SNM bảng dữ liệu(HTML) 103 Page - ITT Industries

Back Button DEM9SNM Datasheet HTML 99Page - ITT Industries DEM9SNM Datasheet HTML 100Page - ITT Industries DEM9SNM Datasheet HTML 101Page - ITT Industries DEM9SNM Datasheet HTML 102Page - ITT Industries DEM9SNM Datasheet HTML 103Page - ITT Industries DEM9SNM Datasheet HTML 104Page - ITT Industries DEM9SNM Datasheet HTML 105Page - ITT Industries DEM9SNM Datasheet HTML 106Page - ITT Industries DEM9SNM Datasheet HTML 107Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 301 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
102
D Subminiature
Commercial Micro D — MDSM
MDSM SSA Compatible Cable Assemblies
14,35
(.565)
19,89
(.783)
MAX
41,62
(1.639)
MAX
56,01
(2.205)
REF
X
5,71 (.225)
Part Number
X
Meter (Feet)
Tolerance
CA112104
0,50 (1.600)
±25,00 (1.000)
CA112104-1
1,00 (2.200)
±25,00 (1.000)
CA112104-2
3,00 (9.800)
±25,00 (1.000)
CA112104-3
5,00 (16.400)
±64,00 (2.500)
CA112104-4
10,00 (32.800)
±64,00 (2.500)
CA112104-5
20,00 (65.600)
±64,00 (2.500)
Note: For push/pull assemblies or other thumbscrews, please consult the factory.
Crimp dies for SSA applications will be offered by ITT Cannon. Consult factory for details.
ITT Cannon’s 9 position MDSM connectors have
been designed into the ANSI specification called
SSA, ‘‘Serial Storage Architecture,’’ as the external
I/O. SSA is a new serial interface for
interconnecting storage devices, storage
subsystems, servers and workstations. Storage
subsystems are increasing in function, availability,
density and performance. With this comes the
trend for them to become more complex and
ITT Cannon has the interconnect system which
meets SSA’s high performance requirements.
SSA is an architecture which allows these new
subsystems to be implemented more easily and at
lower costs than other new high speed parallel
interfaces. SSA permits the transfer of data at
progressively higher speeds - 20 MB/sec interface
currently available with 40 MB/sec becoming
available in 1997/98. ITT Cannon’s MDSM
connector not only functions at these high speeds,
but also brings to SSA smaller, less cumbersome
and higher reliability cables and connectors than
current options.
ITT Cannon is offering SSA compatable external
cable assemblies in six different lengths to meet
your needs. These assemblies consist of two
MDSM 9SC type cable connectors terminated to
SSA specified external cable.
Note: Cables shown with Z50 thumbscrews.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com