| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DPKA-18PC-7 bảng dữ liệu(PDF) 31 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
DPKA-18PC-7 bảng dữ liệu(HTML) 31 Page - ITT Industries |
|
31 / 120 page ![]() MIL-C-81659 DPXNA/DPXNE Panel Cutouts 31 www.ittcannon.com Dimensions shown in inch (mm) Specifications and dimensions subject to change DPXB -33 Front Mount -34 Front Mount -34 Rear Mount -33 Rear Mount -34B Rear Mount -34B Front Mount -33B Front Mount Front Mount Rear Mount All tolerance +_ .015 (0.38) unless other wise noted. -33B Rear Mount OF INSERT 1.437 (36.50) .718 (18.24) 1.350 (34.30) 1.720 (43.70) .720 (18.29) .120 (3.05) DIA. 4 HOLES 1.720 (43.69) .561 (14.25) .125 R. TYP. (3.18) .125 R. TYP 1.720 .720 1.437 .718 .120 DIA. 4 HOLES OF INSERT OF INSERT 1.44 .58 .26 1.25 1.78 1.720 (43.70) .720 (18.29) 1.25 (3.18) 1.78 (4.52) 1.437 (36.50) .718 (18.24) 1.440 (3.66) .580 (14.73) .260 (6.60) .120 (3.05) DIA. 4 HOLES .120 (3.05) DIA. 4 HOLES .120 (3.05) DIA. 4 HOLES .120 (3.05) DIA. 6 HOLES .120 (3.05) DIA. 6 HOLES 1.437 (36.50) 1.437 (36.50) 1.437 (36.50) 1.437 (36.50) 3.740 (95.00) 3.740 (95.00) 3.220 (81.79) 1.260 (30.00) 2.013 (51.13) 2.013 (51.13) 4.026 (102.26) 4.026 (102.26) 1.780 (45.21) 1.780 (45.21) .718 (18.24) .718 (18.24) 1.391 (35.33) 1.391 (35.33) 2.500 (63.50) 2.500 (63.50) 1.970 (50.04) 2.783 (70.69) 2.783 (70.69) 1.260 (32.00) 1.780 (45.21) 1.780 (45.21) .718 (18.24) .718 (18.24) .125 R. TYP. (3.18) .156 R. TYP. (3.96) .120(3.05) DIA. 6 HOLES OMIT CENTER HOLES FOR - 33B .125 R. TYP. (3.18) 1.720 (43.70) 2.460 (62.50) 2.783 (70.69) 1.391 (35.33) .718 (18.24) 1.437 (36.50) For - 23 float mtg. mod. 1.78 (45.21) 1 1 CL CL CL CL CL CL CL CL CL CL CL CL CL CL CL CL DPX2 DPX3 |