công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DPKA-18PC-7 bảng dữ liệu(PDF) 29 Page - ITT Industries

tên linh kiện DPKA-18PC-7
Giải thích chi tiết về linh kiện  Cannon Rack & Panel Connectors
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ITT [ITT Industries]
Trang chủ  http://www.ittcannon.com
Logo ITT - ITT Industries

DPKA-18PC-7 bảng dữ liệu(HTML) 29 Page - ITT Industries

Back Button DPKA-18PC-7 Datasheet HTML 25Page - ITT Industries DPKA-18PC-7 Datasheet HTML 26Page - ITT Industries DPKA-18PC-7 Datasheet HTML 27Page - ITT Industries DPKA-18PC-7 Datasheet HTML 28Page - ITT Industries DPKA-18PC-7 Datasheet HTML 29Page - ITT Industries DPKA-18PC-7 Datasheet HTML 30Page - ITT Industries DPKA-18PC-7 Datasheet HTML 31Page - ITT Industries DPKA-18PC-7 Datasheet HTML 32Page - ITT Industries DPKA-18PC-7 Datasheet HTML 33Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 120 page
background image
DPXB-33
TWO HOLES
.120 (3.05) DIA. FOR
MTG. REF. ONLY
2.000 (50.80)
MTG. DATUM
MAX. GROMMET
EXTENSION
MAX. GROMMET
EXTENSION
1.061
(26.95)
1.634 (41.50) MAX.
2.431 (61.29) MAX. WITH COAX
1.405
(35.69)
.060
(1.52)
.125
(3.18)
TWO HOLES .120 (3.05)
DIA. FOR MTG.
REF. ONLY
MTG. DATUM
2.012
(51.11)
2.000 (50.80)
3 POLARIZING
KEYS
2 HOLES .120 (3.05)DIA.
FOR MTG. REF. ONLY
3 POLARIZING
POSTS
3.110
(78.99)
MTG.DATUM
2 HOLES .120 (3.05)
DIA.FOR MTG.
REF.ONLY
.954
(24.23)
.766
(19.46)
.125 (3.18)
1.541 (39.14) MAX.
2.320 (58.93) MAX. WITH COAX
NOTE: DPXME AND
DPXNE GROMMETS ARE
APPLICABLE TO ALL
SHELL SIZES
2.047
(52.00)
POLARIZING POST
1.437 (36.50)
REF.
.718 +_ .005
(18.24 +_ 0.13)
1.750 +_ .005 TYP.
(44.45 +_ 0.13)
.720 +_ .005
(18.29 +_ 0.13)
1.720 +_ .005
(43.69 +_ 0.13)
.718 +_ .005
(18.24 +_ 0.13)
2.783 +_ .005
(70.69 +_ 0.13)
.718 +_ .005
(18.24 +_ 0.13)
1.750 +_ .015
(44.45 +_ 0.38)
TOP
TOP
2.783 +_ .005
(70.69 +_ 0.13)
2.468 +_ .015
(62.69 +_ 0.38)
.718 +_ .005
(18.24 +_ 0.13)
.720 +_ .005
(18.29 +_ 0.13)
3 POLARIZING
KEYS
.188(4.78) R. TYP.
060 (1.52)
.125 (3.18)
1.061
(26.95)
1.437 (36.50)
REF
2.000 (50.80)
All tolerances +_ .015 (0.38) unless other wise noted.
4 MTG. HOLES
.120 (3.05) DIA. FOR
#4-40 SCREWS
MTG DATUM
3.075
(78.10)
.720 +_ .005
(18.29 +_ 0.13)
.988 +_ .004
(25.10 +_ 0.10)
.954
(24.23)
.766
(19.46)
.125 (3.18)
1.437 (36.50)
REF
2.000
(50.80)
.188 (4.78) R. TYP.
.120 (3.05) DIA.
4 MTG. HOLES
.720 +_ .005
(18.29 +_ 0.13)
1.720 +_ .005
(43.69 +_ 0.13)
DPXB-34
DPX2-33B
DPX2-34B
.120 (3.05) & C' SUNK
82 X .230 (5.84) DIA.
4 HOLES
.120 (3.05) DIA. & C' SUNK
82 x.230 (5.84) DIA. 4 HOLES
SHOWN FOR REF.
MIL-C-81659
DPXNA/DPXNE
Shell Dimensions
29
www.ittcannon.com
Dimensions shown in inch (mm)
Specifications and dimensions subject to change



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More