công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

22017-2 bảng dữ liệu(PDF) 119 Page - ITT Industries

tên linh kiện 22017-2
Giải thích chi tiết về linh kiện  Cannon Rack & Panel Connectors
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ITT [ITT Industries]
Trang chủ  http://www.ittcannon.com
Logo ITT - ITT Industries

22017-2 bảng dữ liệu(HTML) 119 Page - ITT Industries

Back Button 22017-2 Datasheet HTML 112Page - ITT Industries 22017-2 Datasheet HTML 113Page - ITT Industries 22017-2 Datasheet HTML 114Page - ITT Industries 22017-2 Datasheet HTML 115Page - ITT Industries 22017-2 Datasheet HTML 116Page - ITT Industries 22017-2 Datasheet HTML 117Page - ITT Industries 22017-2 Datasheet HTML 118Page - ITT Industries 22017-2 Datasheet HTML 119Page - ITT Industries 22017-2 Datasheet HTML 120Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 119 / 120 page
background image
As a world leader in circular, filter and hermetic connectors,
ITT can leverage its design and manufacturing expertise
to fit virtually any application. Our expertise includes fast
positive mating for a wide range of military applications,
as well as numerous sizes and contact configuration for
various harsh environments. ITT can also meet numerous
specs, including NATO and MIL standards.
ITT's Electronic Components business (www.ittcannon.com) is an
international supplier of connectors, interconnects, cable assemblies,
I/O card kits and smart card systems. As a worldwide leader in
connector technology for nearly a century, ITT offers one of the
industry's broadest product offerings, manufacturing capability
worldwide, fast time to market, high volume/high yield capacity,
robust design and Value-Based Product Development and an
extensive sales and customer support network.
Cannon invented D-sub connectors in 1952. Our family
of D-Subs now includes combinations of signal, power and
RF, as well as severe service sealed connectors. Cannon
D-Subs are available with an extensive line of backshells
and accessories and are one of the most economical
shielded connector solutions available. Qualified to the
MIL-DTL-24308 specification.
Cannon fiber optic solutions provide an excellent
performance/cost value. Performance can be tailored to
the end system, and our use of superior materials and
bonding agents provides highly effective solutions. Our
wide variety of products includes fiber optic hybrid contacts,
multi-channel, rack and panel, and hi-rel assemblies,
including MIL and ARINC standard solutions.
Cannon microminiature connectors offer high performance
and reliability with exceptional versatility. Available in
rectangular, circular and strip configurations for countless
applications, many of our connectors meet or exceed
applicable requirements of the MIL-DTL-83513 specification.
www.ittcannon.com/circulars • www.ittcannon.com/filter • www.ittcannon.com/hermetics
www.ittcannon.com/dsubs
www.ittcannon.com/fiberoptics
www.ittcannon.com/micro
Circular/Filter/Hermetic Connectors
D-Subminiature Connectors
Microminiature Connectors
Fiber Optic Connectors and Cable Assemblies
ITT is the world leader in rack and panel connectors,
offering unmatched variety of shell configurations and
insert arrangements, materials, plating and contact options.
Many of our standard and custom designs meet the stringent
requirements of ARINC 600, ARINC 404 (MIL-C-81659), and
MIL-DTL-83733 standards.
www.ittcannon.com/rackandpanel
Rack & Panel Connectors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com