| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
22017-2 bảng dữ liệu(PDF) 96 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
22017-2 bảng dữ liệu(HTML) 96 Page - ITT Industries |
|
96 / 120 page ![]() Face view of pin insert No. of contacts & Wire Size Test Voltage AC (RMS) No. of contacts & Wire Size Test Voltage AC (RMS) Arrangement also available with LITTLE CAESAR contact assembly and may be employed in any shell type. *Termination codes - 3, - 6, - 11 utilize snap - in nonremovable coaxials which are supplied with the connector. These coaxials may be ordered separately when ordering the connectors without coaxials (21W3 24W2 and 29W1 layouts). *DPAMA coaxials purchased separately may be ordered under the following part numbers: Pin (Plug): 249-1741-000 Socket (receptacle): 249-9008-000 Crimp Tool: CA58073-0000 Extraction tool: CET-C11 NOTE: DPA snap in coaxials and DPAMA crimp coaxials are NOT interchangeable but are intermateable. 2 2 #4 2900 1 1 1 2 3 1 2 3 4 5 6 7 8 1 2 3 4 5 6 7 8 1 2 3 4 5 6 1 2 3 4 5 6 7 7 8 8 9 9 10 10 9 10 11 12 13 14 15 16 9 A1 A1 A1 A2 A3 A2 10 11 12 13 14 11 12 13 14 11 12 13 14 15 16 17 18 19 20 17 18 19 20 15 16 17 18 15 16 17 18 19 20 21 22 23 24 21 22 23 24 25 26 27 28 25 26 27 28 29 30 31 32 4 5 6 2 3 4 5 2 5 1 #4, 4 #14 2500 6 2 #8, 2 #12, 2 #20 2600 (5,6) 32 32 #20 1500 29C1 28 #20, 1 coax 1500 (1-28), 1000 (A1) 24C2 22 #20, 2 coax 1500 (1-22) 1000 (A1, A2) 21C3 18 #20, 3 coax 1500 (1-18) 1000 (A1, A2, A3) DPA Coaxial Variations Termination Code Variations of Basic Arrangements Coaxial Type/Part Number 34 Shell 33 Shell Max. Coaxial Extension From Rear of Flange 1 A21C3 *21C3 B21C3 C21C3 D21C3 E21C3 F21C3 F21C3 H21C3 J21C3 21W3 21HV3 *24C2 D24C2 L24C2 P24C2 K24C2 N24C2 B24C2 C24C2 R24C2 H24C2 24W2 24HV2 *29C1 A29C1 C29C1 F29C1 K29C1 L29C1 M29C1 N29C1 P29C1 G29C1 29W1 29HV1 .953 (24.21) .859 (21.82) 1.031 (26.91) 1.094 (27.79 1.047 (26.59) 1.218 (30.94) 1.094 (27.79) 1.094 (27.79) 1.125 (28.98) 1.218 (30.94) Coaxials Not Supplied 1.062(26.98) .453 (11.51) .359 (9.12) .500 (12.70) .594 (15.09) .561 (14.28) .670 (17.02) .594 (15.09) .609 (15.47) .625 (15.88) .670 (17.02) .554 (14.07) FIXED FIXED P-249-5012-000 S-249-5008-000 FIXED FIXED P-249-5052-002 S-249-5051-001 P-249-5052-002 S-249-5051-001 FIXED FIXED FIXED FIXED 2 3* 6* 4 5 7 8 9 10 11* 24W2 E24C2 29W1 B29C1 Coaxials Not Supplies* Crimp Type for RG-58/U cable - 1.239 (31.47) - .737 (18.72) Variations of Basic Arranements Coaxial Type/Part Number 34 Shell Max. Coaxial Extension From Rear of Flange 33 Shell Miniature Rack and Panel DPA Contact Arrangements 96 www.ittcannon.com Dimensions shown in inch (mm) Specifications and dimensions subject to change DPAMA Coaxial Variations |