| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
22017-2 bảng dữ liệu(PDF) 29 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
22017-2 bảng dữ liệu(HTML) 29 Page - ITT Industries |
|
29 / 120 page ![]() DPXB-33 TWO HOLES .120 (3.05) DIA. FOR MTG. REF. ONLY 2.000 (50.80) MTG. DATUM MAX. GROMMET EXTENSION MAX. GROMMET EXTENSION 1.061 (26.95) 1.634 (41.50) MAX. 2.431 (61.29) MAX. WITH COAX 1.405 (35.69) .060 (1.52) .125 (3.18) TWO HOLES .120 (3.05) DIA. FOR MTG. REF. ONLY MTG. DATUM 2.012 (51.11) 2.000 (50.80) 3 POLARIZING KEYS 2 HOLES .120 (3.05)DIA. FOR MTG. REF. ONLY 3 POLARIZING POSTS 3.110 (78.99) MTG.DATUM 2 HOLES .120 (3.05) DIA.FOR MTG. REF.ONLY .954 (24.23) .766 (19.46) .125 (3.18) 1.541 (39.14) MAX. 2.320 (58.93) MAX. WITH COAX NOTE: DPXME AND DPXNE GROMMETS ARE APPLICABLE TO ALL SHELL SIZES 2.047 (52.00) POLARIZING POST 1.437 (36.50) REF. .718 +_ .005 (18.24 +_ 0.13) 1.750 +_ .005 TYP. (44.45 +_ 0.13) .720 +_ .005 (18.29 +_ 0.13) 1.720 +_ .005 (43.69 +_ 0.13) .718 +_ .005 (18.24 +_ 0.13) 2.783 +_ .005 (70.69 +_ 0.13) .718 +_ .005 (18.24 +_ 0.13) 1.750 +_ .015 (44.45 +_ 0.38) TOP TOP 2.783 +_ .005 (70.69 +_ 0.13) 2.468 +_ .015 (62.69 +_ 0.38) .718 +_ .005 (18.24 +_ 0.13) .720 +_ .005 (18.29 +_ 0.13) 3 POLARIZING KEYS .188(4.78) R. TYP. 060 (1.52) .125 (3.18) 1.061 (26.95) 1.437 (36.50) REF 2.000 (50.80) All tolerances +_ .015 (0.38) unless other wise noted. 4 MTG. HOLES .120 (3.05) DIA. FOR #4-40 SCREWS MTG DATUM 3.075 (78.10) .720 +_ .005 (18.29 +_ 0.13) .988 +_ .004 (25.10 +_ 0.10) .954 (24.23) .766 (19.46) .125 (3.18) 1.437 (36.50) REF 2.000 (50.80) .188 (4.78) R. TYP. .120 (3.05) DIA. 4 MTG. HOLES .720 +_ .005 (18.29 +_ 0.13) 1.720 +_ .005 (43.69 +_ 0.13) DPXB-34 DPX2-33B DPX2-34B .120 (3.05) & C' SUNK 82 X .230 (5.84) DIA. 4 HOLES .120 (3.05) DIA. & C' SUNK 82 x.230 (5.84) DIA. 4 HOLES SHOWN FOR REF. MIL-C-81659 DPXNA/DPXNE Shell Dimensions 29 www.ittcannon.com Dimensions shown in inch (mm) Specifications and dimensions subject to change |