công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

RT9511 bảng dữ liệu(PDF) 21 Page - Richtek Technology Corporation

tên linh kiện RT9511
Giải thích chi tiết về linh kiện  Fully Integrated Battery Charger with Two Step-Down Converters
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RICHTEK [Richtek Technology Corporation]
Trang chủ  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9511 bảng dữ liệu(HTML) 21 Page - Richtek Technology Corporation

Back Button RT9511 Datasheet HTML 16Page - Richtek Technology Corporation RT9511 Datasheet HTML 17Page - Richtek Technology Corporation RT9511 Datasheet HTML 18Page - Richtek Technology Corporation RT9511 Datasheet HTML 19Page - Richtek Technology Corporation RT9511 Datasheet HTML 20Page - Richtek Technology Corporation RT9511 Datasheet HTML 21Page - Richtek Technology Corporation RT9511 Datasheet HTML 22Page - Richtek Technology Corporation RT9511 Datasheet HTML 23Page - Richtek Technology Corporation RT9511 Datasheet HTML 24Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
RT9511
21
DS9511-01 April 2011
www.richtek.com
Figure 9. Derating Curves for RT9511 Packages
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0
25
50
75
100
125
Ambient Temperature (
°C)
WQFN-24L 4x4
Four Layers PCB
Layout Consideration
The RT9511 is a fully integrated solution for portable
applications including a single-cell Li- Ion battery charger
and two ideal high-efficiency step-down DC-DC converters
ideal. Careful PCB layout is necessary. For best
performance of the RT9511, the following guidelines should
be strictly followed.
}
Input capacitors should be placed close to the IC and
connected to ground plane.
}
The GND and Exposed Pad should be connected to a
strong ground plane for heat sinking and noise protection.
}
The connection of RSETA should be isolated from other
noisy traces. The short wire is recommended to prevent
noise coupling.
mode, the average output current flowing through inductor
L is
“chopped” between the main switch and the
synchronous switch. Thus, the series resistance looking
into the LX pin is a function of both top and bottom
MOSFET RDS(ON) and the duty cycle (DC) as follows :
RSW = RDS(ON)TOP x DC + RDS(ON)BOT x (1-DC)
The RDS(ON) for both the top and bottom MOSFETs can be
obtained from the Typical Performance Characteristics
curves. Thus, to obtain I
2R losses, simply add RSW to RL
and multiply the result by the square of the average output
current.
Other losses including CIN and COUT ESR dissipative
losses and inductor core losses generally account for less
than 2% of the total loss.
Checking Transient Response
The regulator loop response can be checked by looking
at the load transient response. Switching regulators take
several cycles to respond to a step in load current. When
a load step occurs, VOUT immediately shifts by an amount
equal to
∆ILOAD (ESR), where ESR is the effective series
resistance of COUT.
∆ILOAD also begins to charge or
discharge COUT generating a feedback error signal used
by the regulator to return VOUT to its steady-state value.
During this recovery time, VOUT can be monitored for
overshoot or ringing that would indicate a stability problem.
Thermal Considerations
For continuous operation, do not exceed absolute
maximum operation junction temperature. The maximum
power dissipation depends on the thermal resistance of
IC package, PCB layout, the rate of surroundings airflow
and temperature difference between junction to ambient.
The maximum power dissipation can be calculated by
following formula :
PD(MAX) = ( TJ(MAX)
− TA ) / θJA
Where TJ(MAX) is the maximum operation junction
temperature 125
°C, TAis the ambient temperature and the
θJA is the junction to ambient thermal resistance.
For recommended operating conditions specification of
the RT9511, the maximum junction temperature is 125
°C.
The junction to ambient thermal resistance
θJA is layout
dependent. For WQFN-24L 4x4 packages, the thermal
resistance
θJA is 52°C/W on the standard JEDEC 51-7
four layers thermal test board. The maximum power
dissipation at TA = 25
°C can be calculated by following
formula :
PD(MAX) = (125
°C − 25°C) / (52°C/W) = 1.923W for
WQFN-24L 4x4 packages
The maximum power dissipation depends on operating
ambient temperature for fixed TJ(MAX) and thermal
resistance
θJA. For RT9511 packages, the Figure 9 of
derating curves allows designers to see the effect of rising
ambient temperature on the maximum power dissipation
allowed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com