| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DBMM25P bảng dữ liệu(PDF) 164 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
DBMM25P bảng dữ liệu(HTML) 164 Page - ITT Industries |
|
164 / 301 page ![]() Dimensions are shown in mm (inch) Dimensions subject to change 163 D Subminiature Military/High Reliability High Voltage Straight PCB (Sizes DE-DC) Part Numbers with Standoff #4-40 UNC Shell Size Layout Part Number Without Screw Locks Without Boardlocks Part Number Without Screw Locks With Boardlocks Part Number With Screw Locks With Boardlocks DE 5W1 DEMMV5V1SN DEMMZ5V1SN DEMMN5V1SN DA 7W2 DAMMV7V2SN DAMMZ7V2SN DAMMN7V2SN DA 11W1 DAMMV11V1SN DAMMZ11V1SN DAMMN11V1SN DA 3W3 DAMMV3V3SN DAMMZ3V3SN DAMMN3V3SN DA 3WK3 DAMMV3VK3SNTM DAMMZ3VK3SNTM DAMMN3VK3SNTM DB 5W5 DBMMV5V5SN DBMMZ5V5SN DBMMN5V5SN DB 9W4 DBMMV9V4SN DBMMZ9V4SN DBMMN9V4SN DB 13W3 DBMMV13V3SN DBMMZ13V3SN DBMMN13V3SN DB 17W2 DBMMV17V2SN DBMMZ17V2SN DBMMN17V2SN DB 21W1 DBMMV21V1SN DBMMZ21V1SN DBMMN21V1SN DC 8W8 DCMMV8V8SN DCMMZ8V8SN DCMMN8V8SN DC 13W6 DCMMV13V6SN DCMMZ13V6SN DCMMN13V6SN DC 17W5 DCMMV17V5SN DCMMZ17V5SN DCMMN17V5SN DC 21WA4 DCMMV21VA4SN DCMMZ21VA4SN DCMMN21VA4SN DC 25W3 DCMMV25V3SN DCMMZ25V3SN DCMMN25V3SN DC 27W2 DCMMV27V2SN DCMMZ27V2SN DCMMN27V2SN Notes: For DD shell size, see page 165. Keyed. Dimensions Receptacle Shell Size A ±0,38 (.015) B ±0,13 (.005) C ±0,13 (.005) D ±0,13 (.005) E ±0,38 (.015) F ±0,25 (.010) W ±0,38 (.015) L ±0,25 (.010) DE 30,81 (1.213) 16,33 (.643) 24,99 (.984) 7,90 (.311) 12,55 (.494) 10,90 (.429) 6,94 (.273) 0,76 (.030) DA 39,14 (1.541) 24,66 (.971) 33,32 (1.312) 7,90 (.311) 12,55 (.494) 10,90 (.429) 6,94 (.273) 0,76 (.030) DB 53,04 (2.088) 38,38 (1.511) 47,04 (1.852) 7,90 (.311) 12,55 (.494) 10,90 (.429) 6,94 (.273) 0,76 (.030) DC 69,32 (2.729) 54,84 (2.159) 63,50 (2.500) 7,90 (.311) 12,55 (.494) 10,90 (.429) 6,94 (.273) 0,76 (.030) Receptacle Engaging Face Hardware and high voltage contact removed for clarity. Reader’s Resource For contact cavity arrangements, see page 223. For P.C. hole patterns, see pages 257-258. For panel cutouts, see page 221. For hardware views (Standard), see page 226. 10 ° A C E D B 6,50 ± 0,25 (.256 ± .010) 7,62 ± 0,25 (.300 ± .010) STANDOFF #4-40 UNC SCREW LOCK #4-40 UNC BOARDLOCK 4,52 (.178) 2,92 (.115) Ø 0,76 (.030) W F 2,84 (.112) L |