| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DBMM25P bảng dữ liệu(PDF) 12 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
DBMM25P bảng dữ liệu(HTML) 12 Page - ITT Industries |
|
12 / 301 page ![]() Dimensions are shown in mm (inch) Dimensions subject to change 11 Dimensions Shell Size A ±0,38 (.015) B ±0,13 (.005) C ±0,13 (.005) D ±0,13 (.005) E ±0,38 (.015) F ±0,25 (.010) W ±0,38 (.015) L ±0,25 (.010) DE 30,81 (1.213) 16,33 (.643) 24,99 (.984) 7,90 (.311) 12,55 (.494) 10,90 (.429) 6,94 (.273) 0,76 (.030) DA 39,14 (1.541) 24,66 (.971) 33,32 (1.312) 7,90 (.311) 12,55 (.494) 10,90 (.429) 6,94 (.273) 0,76 (.030) DB 53,04 (2.088) 38,38 (1.511) 47,04 (1.852) 7,90 (.311) 12,55 (.494) 10,90 (.429) 6,94 (.273) 0,76 (.030) DC 69,32 (2.729) 54,84 (2.159) 63,50 (2.500) 7,90 (.311) 12,55 (.494) 10,90 (.429) 6,94 (.273) 0,76 (.030) DD 66,93 (2.635) 52,42 (2.064) 61,11 (2.406) 10,74 (.423) 15,37 (.605) 10,90 (.429) 6,94 (.273) 0,76 (.030) D Subminiature D* Straight Solder Termination (Machined) — European PC Tails Part Numbers Shell Size Layout Through Hole Standoff #4-40 UNC With Pushfit/Boardlock Standoff M3 With Pushfit/Boardlock DE 9 DE9S-0L2-A197 DEE9S-0L2-A197-146 DEX9S-0L2-A197-146 DA 15 DA15S-0L2-A197 DAE15S-0L2-A197-146 DAX15S-0L2-A197-146 DB 25 DB25S-0L2-A197 DBE25S-0L2-A197-146 DBX25S-0L2-A197-146 DC 37 DC37S-0L2-A197 DCE37S-0L2-A197-146 DCX37S-0L2-A197-146 DD 50 DD50S-0L2-A197 DDE50S-0L2-A197-146 DDX50S-0L2-A197-146 Note: For performance class 2 add -A191. Example DA15S-0L2-A191-A197 Receptacle DD Configuration 5,69 (.224) 2,84 (.112) L Engaging Face Selection Guide For Product Features, Specifications, Materials and Finishes, see pages 2-3. Reader’s Resource For contact cavity arrangements, see page 224. For P.C. hole patterns, see page 274. For panel cutouts, see page 221. For hardware views (European), see page 227. PC Tail Modifier X ±0,30 (.012) Y ±0,30 (.012) OL2 5,20 (.205) 10,20 (.401) OL4 6,75 (.266) 11,80 (.465) F W 2,84 (.112) 10 ° D E C B A Ø 3,05 (.120) POSITION 1 Ø 0,60 (.024) Y X |