| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DBMM25P bảng dữ liệu(PDF) 89 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
DBMM25P bảng dữ liệu(HTML) 89 Page - ITT Industries |
|
89 / 301 page ![]() Dimensions are shown in mm (inch) Dimensions subject to change 88 D Subminiature Combo D Insertion/Extraction Instructions for Coaxial, High Power and High Voltage Contacts Insertion Tool No insertion tool is required. The contact is easily snapped in from the rear of the connector manually. Extraction Tool The CET-C6B-2 tool extracts all coaxial, high power and high voltage contacts (plug and receptacle). Description Part Number CET-C6B-2 070064-0002 Operating Instructions To extract the coaxial contact, hold the tool by the body and insert the tip into the front of the contact cavity until it bottoms and closes the coaxial retaining ring. Holding the body in this position CET-C6B-2 securely enough to keep coaxial retaining ring closed, push the plunger; contact will be pushed out of the rear of the assembly. Insertion Instructions |