công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DDMM50SC bảng dữ liệu(PDF) 79 Page - ITT Industries

tên linh kiện DDMM50SC
Giải thích chi tiết về linh kiện  D Subminiature Connectors
PDF  301 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ITT [ITT Industries]
Trang chủ  http://www.ittcannon.com
Logo ITT - ITT Industries

DDMM50SC bảng dữ liệu(HTML) 79 Page - ITT Industries

Back Button DDMM50SC Datasheet HTML 75Page - ITT Industries DDMM50SC Datasheet HTML 76Page - ITT Industries DDMM50SC Datasheet HTML 77Page - ITT Industries DDMM50SC Datasheet HTML 78Page - ITT Industries DDMM50SC Datasheet HTML 79Page - ITT Industries DDMM50SC Datasheet HTML 80Page - ITT Industries DDMM50SC Datasheet HTML 81Page - ITT Industries DDMM50SC Datasheet HTML 82Page - ITT Industries DDMM50SC Datasheet HTML 83Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 301 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
78
D Subminiature
Combo D
Solder Cup (Sizes DE-DD)
Part Numbers
Shell Size
Layout
Through Hole
Dual
Float Mount
Clinch Nut
#4-40 UNC
DE
5W1
DEM5W1PK87
DEMY5W1PK87
DEME5W1PK87
DA
7W2
DAM7W2PK87
DAMY7W2PK87
DAME7W2PK87
DA
11W1
DAM11W1PK87
DAMY11W1PK87
DAME11W1PK87
DA
3W3
DAM3W3PK87
DAMY3W3PK87
DAME3W3PK87
DA
3WK3
DAM3WK3PK87
DAMY3WK3PK87
DAME3WK3PK87
DB
5W5
DBMP5W5PK87
DBMY5W5PK87
DBME5W5PK87
DB
9W4
DBM9W4PK87
DBMY9W4PK87
DBME9W4PK87
DB
13W3
DBM13W3PK87
DBMY13W3PK87
DBME13W3PK87
DB
17W2
DBM17W2PK87
DBMY17W2PK87
DBME17W2PK87
DB
21W1
DBM21W1PK87
DBMY21W1PK87
DBME21W1PK87
DC
8W8
DCM8W8PK87
DCMY8W8PK87
DCME8W8PK87
DC
13W6
DCM13W6PK87
DCMY13W6PK87
DCME13W6PK87
DC
17W5
DCM17W5PK87
DCMY17W5PK87
DCME17W5PK87
DC
21WA4
DCM21WA4PK87
DCMY21WA4PK87
DCME21WA4PK87
DC
25W3
DCM25W3PK87
DCMY25W3PK87
DCME25W3PK87
DC
27W2
DCM27W2PK87
DCMY27W2PK87
DCME27W2PK87
DD
24W7
DDM24W7PK87
DDMY24W7PK87
DDME24W7PK87
DD
36W4
DDM36W4PK87
DDMY36W4PK87
DDME36W4PK87
DD
43W2
DDM43W2PK87
DDMY43W2PK87
DDME43W2PK87
DD
47W1
DDM47W1PK87
DDMY47W1PK87
DDME47W1PK87
For contacts with 30 microinches gold substitute K127 for K87. Example: DEM5W1PK127
For M3 clinch nuts substitute X for E. Example: DEMX5W1PK87
Keyed.
Dimensions
Shell Size
A
±0,38 (.015)
B
±0,13 (.005)
C
±0,13 (.005)
D
±0,13 (.005)
E
±0,38 (.015)
F
±0,25 (.010)
W
±0,368 (.0145)
W
±0,41 (.016)
K
±0,317 (.0125)
K
±0,25 (.010)
L
±0,25 (.010)
DE
30,81 (1.213)
16,92 (.666)
24,99 (.984)
8,36 (.329)
12,55 (.494)
10,72 (.422)
6,693 (.2635)
—
1,206 (.0475)
—
0,76 (.030)
DA
39,14 (1.541)
25,25 (.994)
33,32 (1.312)
8,36 (.329)
12,55 (.494)
10,72 (.422)
6,693 (.2635)
—
1,206 (.0475)
—
0,76 (.030)
DB
53,04 (2.088)
38,96 (1.534)
47,04 (1.852)
8,36 (.329)
12,55 (.494)
10,82 (.426)
—
6,84 (.269)
—
1,52 (.060)
0,99 (.039)
DC
69,32 (2.729)
55,42 (2.182)
63,50 (2.500)
8,36 (.329)
12,55 (.494)
10,82 (.426)
—
6,84 (.269)
—
1,52 (.060)
0,99 (.039)
DD
66,93 (2.635)
52,81 (2.079)
61,11 (2.406)
11,07 (.436)
15,37 (.605)
10,82 (.426)
—
6,84 (.269)
—
1,52 (.060)
0,99 (.039)
Plug
Engaging Face
10
°
E
D
A
B
Ø 3,05
(.120)
C
Reader’s Resource
For contact cavity arrangements,
see page 222.
For panel cutouts, see page 221.
For hardware views (Standard), see page 226.
L
K
2,84
(.112)
5,69
(.224)
DD Configuration
10,72 (.422)
MAX
F
W
2,84
(.112)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More