công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DDMM50SC bảng dữ liệu(PDF) 50 Page - ITT Industries

tên linh kiện DDMM50SC
Giải thích chi tiết về linh kiện  D Subminiature Connectors
PDF  301 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ITT [ITT Industries]
Trang chủ  http://www.ittcannon.com
Logo ITT - ITT Industries

DDMM50SC bảng dữ liệu(HTML) 50 Page - ITT Industries

Back Button DDMM50SC Datasheet HTML 46Page - ITT Industries DDMM50SC Datasheet HTML 47Page - ITT Industries DDMM50SC Datasheet HTML 48Page - ITT Industries DDMM50SC Datasheet HTML 49Page - ITT Industries DDMM50SC Datasheet HTML 50Page - ITT Industries DDMM50SC Datasheet HTML 51Page - ITT Industries DDMM50SC Datasheet HTML 52Page - ITT Industries DDMM50SC Datasheet HTML 53Page - ITT Industries DDMM50SC Datasheet HTML 54Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 301 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
49
D Subminiature
Combo D
3C3 Shielded Special — Receptacle only
Receptacle
Engaging Face
Dimensions
Shell Size
A
±0,38 (.015)
B
±0,13 (.005)
C
±0,13 (.005)
D
±0,13 (.005)
E
±0,38 (.015)
F
±0,25 (.010)
W
±0,25 (.010)
DA
39,14 (1.541)
24,66 (.971)
33,32 (1.312)
7,90 (.311)
12,55 (.494)
10,90 (.429)
6,17 (.243)
A
C
B
E
D
10
°
9,37
(.369)
12,12
(.477)
Reader’s Resource
For contact cavity arrangements,
see page 223.
For P.C. hole patterns, see page 231.
For panel cutouts, see page 221.
Note: Connector supplied with boardlocks.
Materials and Finishes
Body Material:
Zinc
Body Finish:
Tin
Coaxial Center
Contact Finish:
30
inches Gold
Note: For additional materials and finishes, see introduction
page 43.
Part Number
DAM53512-1405
4,19 - 2,79
(.165 - .110)
0,56
(.023)
Ø 0,51
(.020)
2,54
(.100)
12,62
(.497)
F
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More