công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DDMM50SC bảng dữ liệu(PDF) 174 Page - ITT Industries

tên linh kiện DDMM50SC
Giải thích chi tiết về linh kiện  D Subminiature Connectors
PDF  301 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ITT [ITT Industries]
Trang chủ  http://www.ittcannon.com
Logo ITT - ITT Industries

DDMM50SC bảng dữ liệu(HTML) 174 Page - ITT Industries

Back Button DDMM50SC Datasheet HTML 170Page - ITT Industries DDMM50SC Datasheet HTML 171Page - ITT Industries DDMM50SC Datasheet HTML 172Page - ITT Industries DDMM50SC Datasheet HTML 173Page - ITT Industries DDMM50SC Datasheet HTML 174Page - ITT Industries DDMM50SC Datasheet HTML 175Page - ITT Industries DDMM50SC Datasheet HTML 176Page - ITT Industries DDMM50SC Datasheet HTML 177Page - ITT Industries DDMM50SC Datasheet HTML 178Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 301 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
173
D Subminiature
Space/High Reliability
Straight PC Tail
Receptacle
Reader’s Resource
For contact cavity arrangements,
see page 224.
For P.C. hole patterns, see page 275.
For panel cutouts, see page 221.
For hardware views (Standard), see page 226.
Part Numbers
Shell Size
Layout
Through Hole
Dual
Float Mount
DE
9
DEM9SOL3NM*
DEMY9SOL3NM*
DA
15
DAM15SOL3NM*
DAMY15SOL3NM*
DB
25
DBM25SOL3NM*
DBMY25SOL3NM*
DC
37
DCM37SOL3NM*
DCMY37SOL3NM*
DD
50
DDM50SOL3NM*
DDMY50SOL3NM*
Notes: * For Residual Magnetism Level of 200 gamma, add B. Example: DEM9SOL3NMB
For shells with 50 microinches gold, add K52. Example: DEM9SOL3NMK52
For alternate PC tail modifiers (see tabulation), replace OL3 with M or Z. Example: DEM9SZNM
PC Tail
Modifiers
X
W Y
M
4,01
± 0,69
(.158
± .027)
0,76
± 0,08
(.030
± .003)
Z
4,65
± 0,69
(.183
± .027)
0,76
± 0,08
(.030
± .003)
OL3
4,20
± 1,10
(.185
± .043)
0,60
± 0,08
(.023
± .003)
Dimensions
ABC
DE
F
W
K
L
Shell Size
±0,38 (.015)
±0,13 (.005)
±0,13 (.005)
±0,13 (.005)
±0,38 (.015)
±0,25 (.010)
±0,38 (.015)
±0,318 (.0125)
±0,25 (.010)
DE
30,81 (1.213)
16,33 (.643)
24,99 (.984)
7,90 (.311)
12,55 (.494)
10,90 (.429)
6,94 (.273)
1,206 (.0475)
0,76 (.030)
DA
39,14 (1.541)
24,66 (.971)
33,32 (1.312)
7,90 (.311)
12,55 (.494)
10,90 (.429)
6,94 (.273)
1,206 (.0475)
0,76 (.030)
DB
53,04 (2.088)
38,38 (1.511)
47,04 (1.852)
7,90 (.311)
12,55 (.494)
10,90 (.429)
6,94 (.273)
1,206 (.0475)
0,76 (.030)
DC
69,32 (2.729)
54,84 (2.159)
63,50 (2.500)
7,90 (.311)
12,55 (.494)
10,90 (.429)
6,94 (.273)
1,206 (.0475)
0,76 (.030)
DD
66,93 (2.635)
52,42 (2.064)
61,11 (2.406)
10,74 (.423)
15,37 (.605)
10,90 (.429)
6,94 (.273)
1,206 (.0475)
0,76 (.030)
Engaging Face
DD Configuration
A
B
C
10
°
E
D
Ø 3,05
(.120)
Ø Y
X
2,84
(.112)
5,69
(.224)
L
K
2,84
(.112)
F
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More