| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DBMM25PA bảng dữ liệu(PDF) 281 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
DBMM25PA bảng dữ liệu(HTML) 281 Page - ITT Industries |
|
281 / 301 page ![]() Dimensions are shown in mm (inch) Dimensions subject to change Performance Class 3 — Performance class per European specification DIN 41652, specifying contact performance to 50 mating cycles, followed by testing per DIN 41640, Part 21. The contact is subjected to severe environmental conditions, including industrial gasses, after the 50 mating cycles, and must meet basic contact resistance, engaging force, and separation force tests. Peripheral Seal — A resilient seal used to keep moisture from entering the connector at the point where the plug and receptacle shells meet. A common method is to use flat gaskets on receptacles and O-rings on plugs. Phosphor Bronze — An alloy of copper, tin, and phosphorus used to make spring contacts. It is typically used in lower cost contacts where frequent insertions and withdrawals and high temperatures are not a factor. Pin — A male contact. See PIN CONTACT. Pin Contact — The contact which has a long shaft at the engagement end which enters the socket contact. Plating — See FINISH. Plug — The male portion of a connector pair usually employing a coupling nut to secure it to the receptacle half. A plug may have either pin or socket contacts. Polarization — A mechanical mechanism that allows connector halves to intermate in only one specific orientation. This can be accomplished by asymmetrical shapes of the two halves as in a D Subminiature connector, insulator rotation, keys, keyways, ramps, or other means. Polarization prevents connectors of the same size and/or same layout from intermating when this is undesirable, such as when two otherwise identical connectors are used on the same panel. Polarization is typically done by the assembler and can not be changed by the user, while keying is typically done by the user with an auxiliary keying device. Polarizing Pin — A mechanism used to polarize connectors, manufactured into the connector. See KEYING. Potting — The permanent sealing of a cable to a connector using an insulating material such as potting compound to exclude moisture or provide strain relief. See POTTING CUP. Potting Compound — A sealing material used in potting to fill a potting cup. Potting Cup — A bell-shaped (plastic) backshell with an enlarged opening for the wires. After the connector is loaded with wired contacts, the potting cup is attached to the rear of the connector. The inside of the cup is then filled with a potting compound. When the compound hardens, it forms a solid, permanent, watertight mass around the wires. Potting Ring — A portion of the POTTING CUP which secures the bell shaped cup to the rear of the connector, usually by means of internal threads. Pre-Tin — To apply tin-lead solder to the contact solder cup and/or conductor prior to soldering the two together. Rear Mounting — A receptacle that mounts through the panel from the rear, with its mounting flange inside the equipment. Typically, rear mount receptacles are slightly longer than front mount types to allow for the thickness of the panel. Flange mount receptacles usually come in front and rear mount versions. All Jam nut receptacles are rear mount. Rear Release — For crimp type removable contacts, rear release means that the appropriate extraction tool is inserted from the rear, or wire side, of the connector. The contact is then pulled out the rear of the connector. Receptacle — The connector half that mates with the plug. The receptacle has threads, pins or ramps which engage the coupling nut on the plug, locking the two halves together. A receptacle may have either pin or socket contacts. REF — Abbreviation for Reference. Removable Contact — A contact which can be inserted and removed from the insulator by the user. An insertion tool and extraction tool are normally required to insert and remove the contact. Removal Tool — See EXTRACTION TOOL Resistance — That property of a substance which impedes current and results in the dissipation of power in the form of heat. The unit of resistance is the ohm. Return Loss — The ratio of the power reflected from a discontinuity in a transmission line to the power incident. RFI — See EMI/RFI. Root Mean Square — The square root, of the average of the squares, of the values of a periodic quantity (like alternating current), taken through one complete period. It is the effective quantity of a periodic quantity. Abbreviated rms. Salt Spray Test — A test, or series of tests, in which mated and/or unmated connectors are subjected to salt water under specified conditions. Used to test the connector’s resistance to corrosion and any associated degradation in electrical function. Screw Machine Contact — A contact made from a solid bar or rod using screw machine operations. Some screw machine contacts include secondary elements which are welded, crimped, or formed around the basic screw machined part to complete the contact. Selective Plating — The application of metal PLATING to selective areas of the contact, particularly those areas subject to wear. Precious metal platings may be applied selectively to those contact surfaces responsible for the electrical connection, reducing the contact cost without sacrificing electrical performance. Shell — The outside case of a connector into which the insulator and contacts are situated. Shell Size — A standard system developed for military circular connectors for indicating the diameter of the shell. The system is based upon 1⁄16 increments, that is, a size 16 shell is one inch in diameter. Shield Effectiveness — The ability of a shield to screen out undesirable signals. Shock — An abrupt impact applied to a stationary object. It is usually expressed in gravities (g). Socket — A female contact. See SOCKET CONTACT. Socket Contact — The contact which has an opening at the engagement end to accept the pin contact. Solder Contact — A contact which is terminated to the wire with solder. Solder contacts are normally bonded into the insulator and can not be removed by the user. The alternative is crimp contacts to which a wire is attached by crimping. Crimp contacts can usually be inserted and removed by the user. Solder Cup — The end of a SOLDER CONTACT is designed to accept a wire which will then be soldered to the contact. Stamped and Formed Contact — Contacts made by stamping and forming a sheet of metal rather than by machining metal stock. Also see SCREW MACHINE CONTACTS. D Subminiature Glossary of Terms Glossary of Terms 280 |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |