| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DBMM25PA bảng dữ liệu(PDF) 23 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
DBMM25PA bảng dữ liệu(HTML) 23 Page - ITT Industries |
|
23 / 301 page ![]() Dimensions are shown in mm (inch) Dimensions subject to change 22 D Subminiature D* 90 ° Solder Termination (Machined) with Metal Bracket — European Footprint 10,2 or 9,4 mm Part Numbers Shell Size Layout Bushing with Through Hole Captive Nut #4-40 UNC Captive Nut M3 Post #4-40 UNC DE 9 DE9P-1AFN-K87 DE9P-1A7N-K87 DE9P-1A9N-K87 DE9P-1A8N-K87 DA 15 DA15P-1AFN-K87 DA15P-1A7N-K87 DA15P-1A9N-K87 DA15P-1A8N-K87 DB 25 DB25P-1AFN-K87 DB25P-1A7N-K87 DB25P-1A9N-K87 DB25P-1A8N-K87 DC 37 DC37P-1AFN-K87 DC37P-1A7N-K87 DC37P-1A9N-K87 DC37P-1A8N-K87 DD 50 DD50P-1AFN-K87 DD50P-1A7N-K87 DD50P-1A9N-K87 DD50P-1A8N-K87 Notes: For pushfit/boardlock option add -146. Example: DE9P-1AFN-K87-146 For performance class 2 add -A191. Example: DE9P-1AFN-A191-K87 Dimensions Shell Size A ±0,38 (.015) B ±0,13 (.005) C ±0,13 (.005) D ±0,13 (.005) E ±0.38 (.015) F ±0.25 (.010) W ±0,368 (.0145) W ±0,41 (.016) L ±0,25 (.010) DE 30,81 (1.213) 16,92 (.666) 24,99 (.984) 8,36 (.329) 12,55 (.494) 10,72 (.422) 6,693 (.2635) — 0,76 (.030) DA 39,14 (1.541) 25,25 (.994) 33,32 (1.312) 8,36 (.329) 12,55 (.494) 10,72 (.422) 6,693 (.2635) — 0,76 (.030) DB 53,04 (2.088) 38,96 (1.534) 47,04 (1.852) 8,36 (.329) 12,55 (.494) 10,82 (.426) — 6,84 (.269) 0,99 (.039) DC 69,32 (2.729) 55,42 (2.182) 63,50 (2.500) 8,36 (.329) 12,55 (.494) 10,82 (.426) — 6,84 (.269) 0,99 (.039) DD 66,93 (2.635) 52,81 (2.079) 61,11 (2.406) 11,07 (.436) 15,37 (.605) 10,82 (.426) — 6,84 (.269) 0,99 (.039) Connector footprint measured from the front shell. Connector footprint measured from the rear shell. Plug Engaging Face DD Configuration L 5,08 (.200) 2,54 (.100) 9,40 (.370) 3,70 (.146) 2,54 (.100) 9,40 (.370) W F 3,70 (.146) Selection Guide For Product Features, Specifications, Materials and Finishes, see pages 14-15. Reader’s Resource For contact cavity arrangements, see page 224. For P.C. hole patterns, see page 273. For panel cutouts, see page 221. For hardware views (European), see page 227. |