| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DBMM25PA bảng dữ liệu(PDF) 20 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
DBMM25PA bảng dữ liệu(HTML) 20 Page - ITT Industries |
|
20 / 301 page ![]() Dimensions are shown in mm (inch) Dimensions subject to change 19 D Subminiature ZED* 90 ° Solder Termination (Stamped) — Standard Footprint .318 inch Part Numbers Shell Size Layout Plastic Bracket, Integrated Grounding Strap, Boardlock, Threaded Insert #4-40 UNC Plastic Bracket, Integrated Grounding Strap, Boardlock, Screw Lock #4-40 UNC DE 9 ZEDEL9SBA ZEDE9SBA DA 15 ZEDAL15SBA ZEDA15SBA DB 25 ZEDBL25SBA ZEDB25SBA DC 37 ZEDCL37SBA ZEDC37SBA Note: For contacts with 30 microinches gold add -30. Example: ZEDEL9SBA-30 Dimensions Shell Size A ±0,38 (.015) B ±0,25 (.010) C ±0,25 (.010) DE 30,89 (1.216) 16,28 (.641) 24,99 (.984) DA 39,09 (1.539) 24,66 (.971) 33,32 (1.312) DB 53,09 (2.090) 38,38 (1.511) 47,04 (1.852) DC 69,40 (2.732) 54,84 (2.159) 63,50 (2.500) Receptacle Engaging Face Selection Guide For Product Features, Specifications, Materials and Finishes, see pages 14-15. Reader’s Resource For contact cavity arrangements, see page 224. For P.C. hole patterns, see page 272. For panel cutouts, see page 221. For hardware views (Standard), see page 226. 9,77 - 9,27 ( .385 - .365) 2X SCREW LOCK #4-40 UNC 2,84 (.112) 18,71 - 17,95 (.737 - .707) 4,06 - 3,30 (.160 - .130) 6,35 - 5,85 (.250 - .230) 8,33 - 7,83 (.328 - .308) 12,93 - 12,17 (.509 - .479) 2X GROUNDING HOOK 10 ° B A C 8,15 - 7,65 (.321 - .301) |