công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DBMM25PA bảng dữ liệu(PDF) 216 Page - ITT Industries

tên linh kiện DBMM25PA
Giải thích chi tiết về linh kiện  D Subminiature Connectors
PDF  301 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ITT [ITT Industries]
Trang chủ  http://www.ittcannon.com
Logo ITT - ITT Industries

DBMM25PA bảng dữ liệu(HTML) 216 Page - ITT Industries

Back Button DBMM25PA Datasheet HTML 212Page - ITT Industries DBMM25PA Datasheet HTML 213Page - ITT Industries DBMM25PA Datasheet HTML 214Page - ITT Industries DBMM25PA Datasheet HTML 215Page - ITT Industries DBMM25PA Datasheet HTML 216Page - ITT Industries DBMM25PA Datasheet HTML 217Page - ITT Industries DBMM25PA Datasheet HTML 218Page - ITT Industries DBMM25PA Datasheet HTML 219Page - ITT Industries DBMM25PA Datasheet HTML 220Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 216 / 301 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
215
D Subminiature Accessories
Guide Pin Plate
Male
4,78
± 0,30
(.188
± .012)
1,57
± 0,13
(.062
± .005)
8,71
± 0,38
(.343
± .015)
4,06
± 0,25
(.160
± .010)
22,22
± 0,76
(.875
± .030)
Ø 4,01 (.158)
MAX
1,57 (.062)
MAX
Ø 4,06 (.160)
REF MAX
6,35 (.250) MAX
SOLDER POT
EXTENSION
ITT CANNON
2X Ø 3,66
± 0,13
(.144
± .005)
A
B
C
D
G
E
F
2X MOUNTING HOLE
#4-40 UNC-2B THD
H
2X R K
2X Ø 3,66
± 0,13
(.144
± .005)
2X Ø 5,54
± 0,13
(.218
± .005)
B
C
D
F
J
Recommended Panel Cutout
Useful in blind mate applications.
Kit consists of 1 plate, 2 sems screws,
2 rivets, 2 guide pins, 2 washers
Guide pin inserts for Size 8 cavities for
Combo Dconnectors also available. See
page 95.
Plate and
Hardware Material:
Steel
Plate and
Hardware Finish:
Yellow Chromate over
Zinc or Cadmium
Guide Pin Material:
Stainless Steel
Shell
Size
Layout
Part
Number
A
±0,38 (.015)
B
±0,13 (.005)
C
±0.25 (.010)
D
±0,13 (.005)
E
±0,38 (.015)
F
±0,25 (.010)
G
±0.13 (.005)
H
±0.25 (.010)
J
±0.38 (.015)
K
±0,13 (.005)
DE
9
DE111919
49,61 (1.953)
40,08 (1.578)
33,91 (1.335)
18,65 (.734)
25,40 (1.000)
19,05 (.750)
25,00 (.984)
12,29 (.484)
30,58 (1.204)
6,15 (.242)
DA
16
DA22213
57,94 (2.281)
48,41 (1.906)
42,24 (1.663)
22,81 (.898)
25,40 (1.000)
19,05 (.750)
33,32 (1.312)
12,29 (.484)
38,89 (1.531)
6,15 (.242)
DB
25
DB22255
71,63 (2.820)
62,13 (2.446)
55,96 (2.203)
29,67 (1.168)
25,40 (1.000)
19,05 (.750)
47,04 (1.852)
12,29 (.484)
51,99 (2.047)
6,15 (.242)
DC
37
DC22070
88,09 (3.468)
78,42 (3.094)
72,42 (2.851)
37,90 (1.492)
25,40 (1.000)
19,05 (.750)
63,50 (2.500)
12,29 (.484)
68,25 (2.687)
6,15 (.242)
DD
50
DD21962
85,72 (3.375)
76,20 (3.000)
69,82 (2.749)
36,50 (1.437)
28,58 (1.125)
22,20 (.874)
61,11 (2.406)
15,06 (.593)
66,93 (2.635)
7,52 (.296)
Guide Pin Plate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More