công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DBMM25PA bảng dữ liệu(PDF) 205 Page - ITT Industries

tên linh kiện DBMM25PA
Giải thích chi tiết về linh kiện  D Subminiature Connectors
PDF  301 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ITT [ITT Industries]
Trang chủ  http://www.ittcannon.com
Logo ITT - ITT Industries

DBMM25PA bảng dữ liệu(HTML) 205 Page - ITT Industries

Back Button DBMM25PA Datasheet HTML 201Page - ITT Industries DBMM25PA Datasheet HTML 202Page - ITT Industries DBMM25PA Datasheet HTML 203Page - ITT Industries DBMM25PA Datasheet HTML 204Page - ITT Industries DBMM25PA Datasheet HTML 205Page - ITT Industries DBMM25PA Datasheet HTML 206Page - ITT Industries DBMM25PA Datasheet HTML 207Page - ITT Industries DBMM25PA Datasheet HTML 208Page - ITT Industries DBMM25PA Datasheet HTML 209Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 205 / 301 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
204
D Subminiature Accessories
Metal Backshell
Short Straight Clamp
B
F
E
CABLE
ENTRY
2X Ø 3,05
(.120)
A
C
G
0,38
± 0,13
(.015
± .005)
12,30
± 0,38
(.484
± .015)
#4-40 UNC-2B THD
2X MOUNTING HOLES
A
B
C
G
H
E
CABLE
ENTRY
F
CABLE
ENTRY
2,77
± 0,25
(.109
± .010)
Shell
Size
Layout
Part
Number
Mil Spec
Part Number
No. of
Cable Locking
Screws Included
A
±0,38 (.015)
B
±0,38 (.015)
C
±0,13 (.005)
E
±0,38 (.015)
F
±0,38 (.015)
G
±0,89 (.035)
DA
15
DA19678-1
M85049/48-3-2
2
38,88 (1.531)
12,70 (.500)
33,33 (1.312)
7,51 (.296)
7,93 (.312)
16,36 (.644)
DB
25
DB19678-2
M85049/48-3-3
2
52,78 (2.078)
12,70 (.500)
47,04 (1.852)
7,51 (.296)
20,22 (.796)
16,36 (.644)
DC
37
DC19678-3
M85049/48-3-4
3
69,04 (2.718)
12,70 (.500)
63,50 (2.500)
7,51 (.296)
17,45 (.687)
16,36 (.644)
DD
50
DD19678-4
M85049/48-3-5
3
66,68 (2.625)
15,47 (.609)
61,11 (2.406)
9,91 (.390)
17,45 (.687)
17,63 (.694)
DE-9 is not available.
Shell
Size
Layout
Part
Number
Mil Spec
Part Number
A
±0,38 (.015)
B
±0,76 (.030)
C
±0,13 (.005)
E
±0,76 (.030)
F
±0,76 (.030)
G
±0,76 (.030)
H
±0,76 (.030)
DE
9
DE19977-5
M85049/50-1
30,56 (1.203)
18,24 (.718)
24,99 (.984)
11,10 (.437)
11,10 (.437)
11,89 (.468)
7,14 (.281)
DA
15
DA19977-1
M85049/50-2
38,89 (1.531)
18,24 (.718)
33,33 (1.312)
11,10 (.437)
11,10 (.437)
11,89 (.468)
7,14 (.281)
DB
25
DB19977-2
M85049/50-3
52,78 (2.078)
24,58 (.968)
47,04 (1.852)
11,10 (.437)
15,88 (.625)
11,89 (.468)
7,14 (.281)
DC
37
DC19977-3
M85049/50-4
69,04 (2.718)
30,15 (1.187)
63,50 (2.500)
11,10 (.437)
20,63 (.812)
11,89 (.468)
7,14 (.281)
DD
50
DD19977-4
M85049/50-5
66,68 (2.625)
31,75 (1.250)
61,11 (2.406)
14,28 (.562)
23,01 (.906)
13,49 (.531)
8,71 (.343)
90
° Entry
Kit consists of 1 shell, 2 or 3 screws,
2 or 3 hex nuts
Kit consists of 1 shell, 1 cable clamp, 1 screw,
1 nut, 2 rivnuts (assembled)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More