công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PXD10PB bảng dữ liệu(PDF) 23 Page - Freescale Semiconductor, Inc

tên linh kiện PXD10PB
Giải thích chi tiết về linh kiện  32-bit Power Architecture짰 Microcontrollers for Entry Level Display Solutions
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PXD10PB bảng dữ liệu(HTML) 23 Page - Freescale Semiconductor, Inc

Back Button PXD10PB Datasheet HTML 18Page - Freescale Semiconductor, Inc PXD10PB Datasheet HTML 19Page - Freescale Semiconductor, Inc PXD10PB Datasheet HTML 20Page - Freescale Semiconductor, Inc PXD10PB Datasheet HTML 21Page - Freescale Semiconductor, Inc PXD10PB Datasheet HTML 22Page - Freescale Semiconductor, Inc PXD10PB Datasheet HTML 23Page - Freescale Semiconductor, Inc PXD10PB Datasheet HTML 24Page - Freescale Semiconductor, Inc PXD10PB Datasheet HTML 25Page - Freescale Semiconductor, Inc PXD10PB Datasheet HTML 26Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
Features
PXD10 Product Brief, Rev. 1
Freescale Semiconductor
23
— Display control unit
•
4 slave ports
— 1 flash port dedicated to the CPU
— Platform SRAM
— QuadSPI serial flash controller
— 1 slave port combining:
– Flash port dedicated to the Display Control Unit and eDMA module
– Graphics SRAM
– Peripheral bridge
•
32-bit internal address bus, 32-bit internal data bus
2.4.27
Enhanced Direct Memory Access (eDMA)
The eDMA module is a controller capable of performing complex data movements via 16 programmable
channels, with minimal intervention from the host processor. The hardware micro architecture includes a
DMA engine which performs source and destination address calculations, and the actual data movement
operations, along with an SRAM-based memory containing the transfer control descriptors (TCD) for the
channels. This implementation is utilized to minimize the overall block size. The eDMA module provides
the following features:
•
16 channels support independent 8-, 16- or 32-bit single value or block transfers
•
Supports variable sized queues and circular queues
•
Source and destination address registers are independently configured to post-increment or remain
constant
•
Each transfer is initiated by a peripheral, CPU, periodic timer interrupt or eDMA channel request
•
Each DMA channel can optionally send an interrupt request to the CPU on completion of a single
value or block transfer
•
DMA transfers possible between system memories, QuadSPI, SPIs, I2C, ADC, eMIOS and
General Purpose I/Os (GPIOs)
•
Programmable DMA Channel Mux allows assignment of any DMA source to any available DMA
channel with up to a total of 64 potential request sources.
2.4.28
Memory Protection Unit (MPU)
The MPU features the following:
•
12 region descriptors for per-master protection
•
Start and end address defined with 32-byte granularity
•
Overlapping regions supported
•
Protection attributes can optionally include process ID
•
Protection offered for 3 concurrent read ports
•
Read and write attributes for all masters
•
Execute and supervisor/user mode attributes for processor masters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com