| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
WM8352 bảng dữ liệu(PDF) 268 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM8352 bảng dữ liệu(HTML) 268 Page - Wolfson Microelectronics plc |
|
268 / 336 page ![]() WM8352 Production Data w PD, February 2011, Rev 4.4 268 REGISTER ADDRESS BIT LABEL DEFAULT DESCRIPTION REFER TO 9 GP9_INTMODE 0 GPIO9 Pin Mode 0 = GPIO interrupt is rising edge triggered, and is taken after the effect of the GP9_CFG register bit. 1 = GPIO interrupt is both rising and falling edge triggered. Reset by state machine. 8 GP8_INTMODE 0 GPIO8 Pin Mode 0 = GPIO interrupt is rising edge triggered, and is taken after the effect of the GP8_CFG register bit. 1 = GPIO interrupt is both rising and falling edge triggered. Reset by state machine. 7 GP7_INTMODE 0 GPIO7 Pin Mode 0 = GPIO interrupt is rising edge triggered, and is taken after the effect of the GP7_CFG register bit. 1 = GPIO interrupt is both rising and falling edge triggered. Reset by state machine. 6 GP6_INTMODE 0 GPIO6 Pin Mode 0 = GPIO interrupt is rising edge triggered, and is taken after the effect of the GP6_CFG register bit. 1 = GPIO interrupt is both rising and falling edge triggered. Reset by state machine. 5 GP5_INTMODE 0 GPIO5 Pin Mode 0 = GPIO interrupt is rising edge triggered, and is taken after the effect of the GP5_CFG register bit. 1 = GPIO interrupt is both rising and falling edge triggered. Reset by state machine. 4 GP4_INTMODE 0 GPIO4 Pin Mode 0 = GPIO interrupt is rising edge triggered, and is taken after the effect of the GP4_CFG register bit. 1 = GPIO interrupt is both rising and falling edge triggered. Reset by state machine. 3 GP3_INTMODE 0 GPIO3 Pin Mode 0 = GPIO interrupt is rising edge triggered, and is taken after the effect of the GP3_CFG register bit. 1 = GPIO interrupt is both rising and falling edge triggered. Reset by state machine. 2 GP2_INTMODE 0 GPIO2 Pin Mode 0 = GPIO interrupt is rising edge triggered, and is taken after the effect of the GP2_CFG register bit. 1 = GPIO interrupt is both rising and falling edge triggered. Reset by state machine. 1 GP1_INTMODE 0 GPIO1 Pin Mode 0 = GPIO interrupt is rising edge triggered, and is taken after the effect of the GP1_CFG register bit. 1 = GPIO interrupt is both rising and falling edge triggered. Reset by state machine. |