công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

WM8325 bảng dữ liệu(PDF) 8 Page - Wolfson Microelectronics plc

tên linh kiện WM8325
Giải thích chi tiết về linh kiện  Processor Power Management Subsystem
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  WOLFSON [Wolfson Microelectronics plc]
Trang chủ  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8325 bảng dữ liệu(HTML) 8 Page - Wolfson Microelectronics plc

Back Button WM8325 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8325 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8325 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8325 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8325 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8325 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8325 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8325 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8325 Datasheet HTML 12Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 254 page
background image
WM8325
Production Data
w
PD, February 2012, Rev 4.0
8
1
PIN CONFIGURATION
A1
A2
A3
A4
A5
B4
B3
B2
B1
C1
D1
F1
E1
G1
H1
J1
U1
T1
V2
V1
W1
Y1
W2
Y2
W3
Y3
W4
Y4
W5
Y5
W6
Y6
Y7
W7
W8
Y8
W9
Y9
W10
Y10
W11
Y11
W12
Y12
V3
V4
U2
U3
R2
R3
N2
N3
M2
M3
K2
K3
H2
H3
F2
F3
D2
D3
B11
A11
A10
B10
B9
A9
A8
B8
A7
B7
B6
B5
A6
K1
L1
M1
N1
P1
R1
EGP
(Exposed Ground Paddle)
Top View – WM8325
2
ORDERING INFORMATION
ORDER CODE
OTP
TEMPERATURE
RANGE (TA)
PACKAGE
MOISTURE
SENSITIVITY
LEVEL
PEAK
SOLDERING
TEMPERATURE
WM8325GEFL/V
Unprogrammed
-40
C to +85C
81-lead QFN (8 x 8mm)
(Pb-free)
MSL3
260
C
WM8325GEFL/RV
Unprogrammed
-40
C to +85C
81-lead QFN (8 x 8mm)
(Pb-free, tape and reel)
MSL3
260
C
WM8325GEFLxxx/RV*
Custom
-40
C to +85C
81-lead QFN (8 x 8mm)
(Pb-free, tape and reel) **
MSL3
260
C
Note:
Reel quantity = 2200
* xxx = Unique OTP part number
** Custom OTP minimum order quantity 22,000.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More