| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
WM8988 bảng dữ liệu(PDF) 3 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM8988 bảng dữ liệu(HTML) 3 Page - Wolfson Microelectronics plc |
|
3 / 56 page ![]() Production Data WM8988 w PD, Rev 4.0, October 2008 3 PIN CONFIGURATION AND DEVICE MARKING ORDERING INFORMATION ORDER CODE TEMPERATURE RANGE PACKAGE MOISTURE SENSITIVITY LEVEL PEAK SOLDERING TEMPERATURE WM8988LGECN/V -25°C to +85°C 28-lead COL QFN (4x4x0.55mm, lead-free) MSL3 260°C WM8988LGECN/RV -25°C to +85°C 28-lead COL QFN (4x4x0.55mm, lead-free) Tape and reel MSL3 260°C Note: Reel quantity = 3,500 |