công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

WM8224 bảng dữ liệu(PDF) 33 Page - Wolfson Microelectronics plc

tên linh kiện WM8224
Giải thích chi tiết về linh kiện  60MSPS 3-Channel AFE with Multiple Device Operation and Programmable Automatic Black Level Calibration
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  WOLFSON [Wolfson Microelectronics plc]
Trang chủ  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8224 bảng dữ liệu(HTML) 33 Page - Wolfson Microelectronics plc

Back Button WM8224 Datasheet HTML 29Page - Wolfson Microelectronics plc WM8224 Datasheet HTML 30Page - Wolfson Microelectronics plc WM8224 Datasheet HTML 31Page - Wolfson Microelectronics plc WM8224 Datasheet HTML 32Page - Wolfson Microelectronics plc WM8224 Datasheet HTML 33Page - Wolfson Microelectronics plc WM8224 Datasheet HTML 34Page - Wolfson Microelectronics plc WM8224 Datasheet HTML 35Page - Wolfson Microelectronics plc WM8224 Datasheet HTML 36Page - Wolfson Microelectronics plc WM8224 Datasheet HTML 37Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 50 page
background image
WM8224
Production Data
w
PD, Rev 4.1, June 2012
33
SCENARIO 4
Coarse Adjust Calibration enabled for 1
st line, Fine Adjust Calibration enabled every line with the Fine
Adjust result accumulated throughout frame and used at start of next frame. This scenario is
intended to be used with a sequence of multiple frames, the first frame being used as a calibration
frame. This is good for use with sensors containing very few black-pixels as the black-level offset can
be calculated over an entire frame and there will be no line-by-line variation in the black-level from the
BLC circuitry. Table 9 shows which registers are required for this scenario with example settings.
SETUP
REGISTER
BPIX_AVAIL
CADUR
FRAME_START
FRAME_SEQ
SEQ_START
FA_EVERYLINE
FA_ACCUM
Value
50
2
1
1
1
1
1
Table 9 Example Register Settings for Scenario 4
Figure 30 Scenario 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50