công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

WM8976CGEFL/RV bảng dữ liệu(PDF) 50 Page - Wolfson Microelectronics plc

tên linh kiện WM8976CGEFL/RV
Giải thích chi tiết về linh kiện  Stereo CODEC with Speaker Driver
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  WOLFSON [Wolfson Microelectronics plc]
Trang chủ  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8976CGEFL/RV bảng dữ liệu(HTML) 50 Page - Wolfson Microelectronics plc

Back Button WM8976CGEFL/RV Datasheet HTML 46Page - Wolfson Microelectronics plc WM8976CGEFL/RV Datasheet HTML 47Page - Wolfson Microelectronics plc WM8976CGEFL/RV Datasheet HTML 48Page - Wolfson Microelectronics plc WM8976CGEFL/RV Datasheet HTML 49Page - Wolfson Microelectronics plc WM8976CGEFL/RV Datasheet HTML 50Page - Wolfson Microelectronics plc WM8976CGEFL/RV Datasheet HTML 51Page - Wolfson Microelectronics plc WM8976CGEFL/RV Datasheet HTML 52Page - Wolfson Microelectronics plc WM8976CGEFL/RV Datasheet HTML 53Page - Wolfson Microelectronics plc WM8976CGEFL/RV Datasheet HTML 54Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 114 page
background image
WM8976
Production Data
w
PD, Rev 4.5, November 2011
50
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R20
EQ Band 3
Control
4:0
EQ3G
01100
(0dB)
Band 3 Gain Control. See Table 37 for
details.
6:5
EQ3C
01
Band 3 Centre Frequency:
00=650Hz
01=850Hz
10=1.1kHz
11=1.4kHz
8
EQ3BW
0
Band 3 Bandwidth Control
0=narrow bandwidth
1=wide bandwidth
Table 34 EQ Band 3 Control
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R21
EQ Band 4
Control
4:0
EQ4G
01100
(0dB)
Band 4 Gain Control. See Table 37 for
details
6:5
EQ4C
01
Band 4 Centre Frequency:
00=1.8kHz
01=2.4kHz
10=3.2kHz
11=4.1kHz
8
EQ4BW
0
Band 4 Bandwidth Control
0=narrow bandwidth
1=wide bandwidth
Table 35 EQ Band 4 Control
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R22
EQ Band 5
Gain Control
4:0
EQ5G
01100
(0dB)
Band 5 Gain Control. See Table 37 for
details.
6:5
EQ5C
01
Band 5 Cut-off Frequency:
00=5.3kHz
01=6.9kHz
10=9kHz
11=11.7kHz
Table 36 EQ Band 5 Control
GAIN REGISTER
GAIN
00000
+12dB
00001
+11dB
00010
+10dB
…. (1dB steps)
01100
0dB
01101
-1dB
11000
-12dB
11001 to 11111
Reserved
Table 37 Gain Register Table



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com