công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

WM8976CGEFL/RV bảng dữ liệu(PDF) 44 Page - Wolfson Microelectronics plc

tên linh kiện WM8976CGEFL/RV
Giải thích chi tiết về linh kiện  Stereo CODEC with Speaker Driver
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  WOLFSON [Wolfson Microelectronics plc]
Trang chủ  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8976CGEFL/RV bảng dữ liệu(HTML) 44 Page - Wolfson Microelectronics plc

Back Button WM8976CGEFL/RV Datasheet HTML 40Page - Wolfson Microelectronics plc WM8976CGEFL/RV Datasheet HTML 41Page - Wolfson Microelectronics plc WM8976CGEFL/RV Datasheet HTML 42Page - Wolfson Microelectronics plc WM8976CGEFL/RV Datasheet HTML 43Page - Wolfson Microelectronics plc WM8976CGEFL/RV Datasheet HTML 44Page - Wolfson Microelectronics plc WM8976CGEFL/RV Datasheet HTML 45Page - Wolfson Microelectronics plc WM8976CGEFL/RV Datasheet HTML 46Page - Wolfson Microelectronics plc WM8976CGEFL/RV Datasheet HTML 47Page - Wolfson Microelectronics plc WM8976CGEFL/RV Datasheet HTML 48Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 114 page
background image
WM8976
Production Data
w
PD, Rev 4.5, November 2011
44
Figure 24 Noise Gate Operation
OUTPUT SIGNAL PATH
The WM8976 output signal paths consist of digital application filters, up-sampling filters, stereo hi-fi
DACs, analogue mixers, speaker, stereo headphone and stereo line/mono/midrail output drivers. The
digital filters and DAC are enabled by register bits DACENL And DACENR. The mixers and output
drivers can be separately enabled by individual control bits (see Analogue Outputs). Thus it is
possible to utilise the analogue mixing and amplification provided by the WM8976, irrespective of
whether the DACs are enabled or not.
The WM8976 DACs receive digital input data on the DACDAT pin. The digital filter block processes
the data to provide the following functions:
Digital volume control
Graphic equaliser
Digital peak limiter
Sigma-Delta Modulation
High performance sigma-delta 24-bit audio DAC converts the digital data into an analogue signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com