công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

WM8533ECSN/R bảng dữ liệu(PDF) 27 Page - Wolfson Microelectronics plc

tên linh kiện WM8533ECSN/R
Giải thích chi tiết về linh kiện  24-bit 192kHz Stereo DAC with 2Vrms Ground Referenced Line Output
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  WOLFSON [Wolfson Microelectronics plc]
Trang chủ  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8533ECSN/R bảng dữ liệu(HTML) 27 Page - Wolfson Microelectronics plc

Back Button WM8533ECSN/R Datasheet HTML 23Page - Wolfson Microelectronics plc WM8533ECSN/R Datasheet HTML 24Page - Wolfson Microelectronics plc WM8533ECSN/R Datasheet HTML 25Page - Wolfson Microelectronics plc WM8533ECSN/R Datasheet HTML 26Page - Wolfson Microelectronics plc WM8533ECSN/R Datasheet HTML 27Page - Wolfson Microelectronics plc WM8533ECSN/R Datasheet HTML 28Page - Wolfson Microelectronics plc WM8533ECSN/R Datasheet HTML 29Page - Wolfson Microelectronics plc WM8533ECSN/R Datasheet HTML 30Page - Wolfson Microelectronics plc WM8533ECSN/R Datasheet HTML 31Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 41 page
background image
Production Data
WM8533
w
PD, July 2012, Rev 4.0
27
Step Volume Changes and Zero Cross
The step volume control includes optional zero cross functionality. When zero cross is enabled, by
setting DAC_ZC=1, volume changes are not applied until the signal crosses zero so no discontinuity
is seen in the output signal. Zero cross helps to prevent pop and click noise when changing volume
settings and is therefore recommended if using step volume changes.
The zero cross function includes a timeout which forces volume changes if a zero cross event does
not occur. The timeout period is 14400 samples, equivalent to 300ms at 48kHz sample rate.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R5 (05h)
DAC_CTRL3
4
DAC_ZC
0
Zero Cross Enable
0 = Do not use zero cross
1 = Use zero cross
Table 16 Zero Cross Control
Table 17 gives a summary of the volume mode settings and their effect.
DAC_VOL_
UP_RAMP
DAC_VOL_
DOWN_RAMP
DAC_ZC
VOLUME CHANGE
UP
VOLUME CHANGE
DOWN
0
0
0
Step, no zero cross
Step, no zero cross
0
1
0
Step, no zero cross
Ramp
1
0
0
Ramp
Step, no zero cross
1
1
0
Ramp
Ramp
0
0
1
Step, use zero cross
Step, use zero cross
0
1
1
Step, use zero cross
Ramp
1
0
1
Ramp
Step, use zero cross
1
1
1
Ramp
Ramp
Table 17 Volume Change Summary
MUTE
A digital mute can be applied to left and right channels independently.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R5 (05h)
DAC_CTRL3
3
DACR_MU
TE
0
Right DAC Mute
0 = Normal operation
1 = Mute
2
DACL_MUT
E
0
Left DAC Mute
0 = Normal operation
1 = Mute
Table 18 DAC Mute Control
The DAC mute function in software mode is controlled by the register settings DAC_VOL_UP_RAMP,
DAC_VOL_DOWN_RAMP and DAC_ZC as described in Table 17.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com