công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

WM8533ECSN/R bảng dữ liệu(PDF) 20 Page - Wolfson Microelectronics plc

tên linh kiện WM8533ECSN/R
Giải thích chi tiết về linh kiện  24-bit 192kHz Stereo DAC with 2Vrms Ground Referenced Line Output
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  WOLFSON [Wolfson Microelectronics plc]
Trang chủ  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8533ECSN/R bảng dữ liệu(HTML) 20 Page - Wolfson Microelectronics plc

Back Button WM8533ECSN/R Datasheet HTML 16Page - Wolfson Microelectronics plc WM8533ECSN/R Datasheet HTML 17Page - Wolfson Microelectronics plc WM8533ECSN/R Datasheet HTML 18Page - Wolfson Microelectronics plc WM8533ECSN/R Datasheet HTML 19Page - Wolfson Microelectronics plc WM8533ECSN/R Datasheet HTML 20Page - Wolfson Microelectronics plc WM8533ECSN/R Datasheet HTML 21Page - Wolfson Microelectronics plc WM8533ECSN/R Datasheet HTML 22Page - Wolfson Microelectronics plc WM8533ECSN/R Datasheet HTML 23Page - Wolfson Microelectronics plc WM8533ECSN/R Datasheet HTML 24Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 41 page
background image
WM8533
Production Data
w
PD, July 2012, Rev 4.0
20
In Left Justified mode, the MSB is available on the first rising edge of BCLK following a LRCLK
transition. The other bits up to the LSB are then transmitted in order. Depending on word length,
BCLK frequency and sample rate, there may be unused BCLK cycles before each LRCLK transition.
Figure 16 Left Justified Audio Interface (assuming n-bit word length)
In I
2S mode, the MSB is available on the second rising edge of BCLK following a LRCLK transition.
The other bits up to the LSB are then transmitted in order. Depending on word length, BCLK
frequency and sample rate, there may be unused BCLK cycles between the LSB of one sample and
the MSB of the next.
Figure 17 I
2S Justified Audio Interface (assuming n-bit word length)
In DSP mode, the left channel MSB is available on either the 1
st (mode B) or 2nd (mode A) rising edge
of BCLK (selectable by AIF_LRCLK_INV) following a rising edge of LRCLK. Right channel data
immediately follows left channel data. Depending on word length, BCLK frequency and sample rate,
there may be unused BCLK cycles between the LSB of the right channel data and the next sample.
In device master mode, the LRCLK output will resemble the frame pulse shown in Figure 18 and
Figure 19. In device slave mode, Figure 20 and Figure 21, it is possible to use any length of frame
pulse less than 1/fs, providing the falling edge of the frame pulse occurs greater than one BCLK
period before the rising edge of the next frame pulse.
Figure 18 DSP Mode Audio Interface (mode A, AIF_LRCLK_INV=0, Master)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com